Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF22V10C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF22V10C
Description  High performance EE PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF22V10C Datasheet HTML 1Page - ATMEL Corporation ATF22V10C Datasheet HTML 2Page - ATMEL Corporation ATF22V10C Datasheet HTML 3Page - ATMEL Corporation ATF22V10C Datasheet HTML 4Page - ATMEL Corporation ATF22V10C Datasheet HTML 5Page - ATMEL Corporation ATF22V10C Datasheet HTML 6Page - ATMEL Corporation ATF22V10C Datasheet HTML 7Page - ATMEL Corporation ATF22V10C Datasheet HTML 8Page - ATMEL Corporation ATF22V10C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
0735T–PLD–5/09
ATF22V10C(Q)
Figure 1-1.
Logic Diagram
2.
Pin Configurations
Table 2-1.
Pin Configurations (All Pinouts Top View)
Pin Name
Function
CLK
Clock
IN
Logic Inputs
I/O
Bi-directional Buffers
GND
Ground
VCC
+5V Supply
PD
Power-down
Figure 2-1.
TSSOP
Figure 2-2.
DIP/SOIC
Figure 2-3.
PLCC/LCC
Note:
For all PLCCs (except “-5”), pins 1, 8, 15
and 22 can be left unconnected. How-
ever, if they are connected, superior
performance will be achieved.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN/PD
IN
IN
IN
IN
IN
IN
IN
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN/PD
IN
IN
IN
IN
IN
IN
IN
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
5
6
7
8
9
10
11
25
24
23
22
21
20
19
IN/PD
IN
IN
GND*
IN
IN
IN
I/O
I/O
I/O
GND*
I/O
I/O
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com