Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF22V10C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF22V10C
Description  High performance EE PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF22V10C Datasheet HTML 15Page - ATMEL Corporation ATF22V10C Datasheet HTML 16Page - ATMEL Corporation ATF22V10C Datasheet HTML 17Page - ATMEL Corporation ATF22V10C Datasheet HTML 18Page - ATMEL Corporation ATF22V10C Datasheet HTML 19Page - ATMEL Corporation ATF22V10C Datasheet HTML 20Page - ATMEL Corporation ATF22V10C Datasheet HTML 21Page - ATMEL Corporation ATF22V10C Datasheet HTML 22Page - ATMEL Corporation ATF22V10C Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
0735T–PLD–5/09
ATF22V10C(Q)
13.6
28L – LCC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
28L, 28-pad, Non-windowed, Ceramic Lid, Leadless Chip
Carrier (LCC)
B
28L
10/21/03
Dimensions in Millimeters and (Inches).
Controlling dimension: Inches.
MIL-STD 1835 C-4
11.68(0.460)
11.23(0.442)
11.68(0.460)
11.23(0.442)
2.54(0.100)
2.16(0.085)
1.91(0.075)
1.40(0.055)
INDEX CORNER
0.635(0.025)
0.381(0.015)
X 45˚
0.305(0.012)
0.178(0.007)
RADIUS
0.737(0.029)
0.533(0.021)
1.02(0.040) X 45˚
PIN 1
1.40(0.055)
1.14(0.045)
2.41(0.095)
1.91(0.075)
2.16(0.085)
1.65(0.065)
7.62(0.300) BSC
1.27(0.050) TYP
7.62(0.300) BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com