Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP2052 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 17Page - ATMEL Corporation AT89LP2052 Datasheet HTML 18Page - ATMEL Corporation AT89LP2052 Datasheet HTML 19Page - ATMEL Corporation AT89LP2052 Datasheet HTML 20Page - ATMEL Corporation AT89LP2052 Datasheet HTML 21Page - ATMEL Corporation AT89LP2052 Datasheet HTML 22Page - ATMEL Corporation AT89LP2052 Datasheet HTML 23Page - ATMEL Corporation AT89LP2052 Datasheet HTML 24Page - ATMEL Corporation AT89LP2052 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
21
3547J–MICRO–10/09
AT89LP2052/LP4052
A second pull-up, called the “weak” pull-up, is turned on when the port register for the pin con-
tains a logic “1” and the pin itself is also at a logic “1” level. This pull-up provides the primary
source current for a quasi-bidirectional pin that is outputting a 1. If this pin is pulled low by an
external device, this weak pull-up turns off, and only the very weak pull-up remains on. In order
to pull the pin low under these conditions, the external device has to sink enough current to over-
power the weak pull-up and pull the port pin below its input threshold voltage.
The third pull-up is referred to as the “strong” pull-up. This pull-up is used to speed up low-to-
high transitions on a quasi-bidirectional port pin when the port register changes from a logic “0”
to a logic “1”. When this occurs, the strong pull-up turns on for one CPU clock, quickly pulling the
port pin high.
When in quasi-bidirectional mode the port pin will always output a “0” when corresponding bit in
the port register is also “0”. When the port register is “1” the pin may be used either as an input
or an output of “1”. The quasi-bidirectional port configuration is shown in Figure 15-1. The input
circuitry of P3.2 and P3.3 is not disabled during Power-down (see Figure 15-3).
Figure 15-1. Quasi-bidirectional Output
15.2
Input-only Mode
The input port configuration is shown in Figure 15-2. It is a Schmitt-triggered input for improved
input noise rejection.
Figure 15-2. Input Only
Figure 15-3. Input Only for P3.2 and P3.3
1 Clock Delay
(D Flip-Flop)
Strong
Very
Weak
Weak
Port
Pin
VCC
VCC
VCC
From Port
Register
Input
Data
PWD
Port
Pin
Input
Data
PWD
Port
Pin
Input
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com