Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP2052 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 33Page - ATMEL Corporation AT89LP2052 Datasheet HTML 34Page - ATMEL Corporation AT89LP2052 Datasheet HTML 35Page - ATMEL Corporation AT89LP2052 Datasheet HTML 36Page - ATMEL Corporation AT89LP2052 Datasheet HTML 37Page - ATMEL Corporation AT89LP2052 Datasheet HTML 38Page - ATMEL Corporation AT89LP2052 Datasheet HTML 39Page - ATMEL Corporation AT89LP2052 Datasheet HTML 40Page - ATMEL Corporation AT89LP2052 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 94 page
background image
37
3547J–MICRO–10/09
AT89LP2052/LP4052
Figure 18-2. Serial Port Mode 1
TX
CLOCK
WRITE TO SBUF
INTERNAL BUS
READ
SBUF
LOAD
SBUF
SBUF
SHIFT
INPUT SHIFT REG.
(9 BITS)
BIT
DETECTOR
1-TO-0
TRANSITION
DETECTOR
SERIAL
PORT
INTERRUPT
WRITE
TO
SBUF
÷2
SMOD1
= 0
SMOD1
= 1
TIMER 1
OVERFLOW
RXD
RX CLOCK
RX CLOCK
RX CONTROL
START
START
DATA
SEND
SAMPLE
÷16
÷16
TX CONTROL
TI
TI
ZERO DETECTOR
SBUF
TXD
INTERNAL BUS
“1”
D
Q
CL
S
LOAD
SBUF
SHIFT
SHIFT
1FFH
RI
SEND
DATA
SHIFT
TXD
TI
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
STOP BIT
START BIT
÷16 RESET
START BIT
STOP BIT
RX
CLOCK
BIT DETECTOR SAMPLE TIMES
SHIFT
RXD
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com