Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT45DB021D
Description  2-megabit 2.7-volt Minimum DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT45DB021D_09 Datasheet HTML 29Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 30Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 31Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 32Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 33Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 34Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 35Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 36Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
33
3638I–DFLASH–04/09
AT45DB021D
both +25°C and +125°C and with a supply voltage of 3.7V, which exceeds the specified
datasheet operating voltage range. The results of all of the extensive tests indicate that the con-
tents of a portion of memory being read continuously could be altered after 800,000,000 read
operations only if that portion of the memory was not erased or reprogrammed at all during the
800,000,000 read operations. If that portion of memory was reprogrammed at some point, then it
would take another 800,000,000 read operations after reprogramming before the contents could
potentially be altered. For example, if the Serial Flash is being used for boot code storage, then
it would take 800,000,000 boot operations before that boot code may become altered, provided
that the boot code was not updated or reprogrammed. If an application was to read the entire
memory array non-stop at a clock frequency of 10MHz, it would take over 5 years to reach
800,000,000 read operations. Atmel firmly believes that this extended testing result should not
be a cause for concern. We also believe that most, if not all, applications will never read the
same portion of memory 800,000,000 times throughout the life of the application without ever
updating that portion of memory.
18. Electrical Specifications
Table 18-1.
Absolute Maximum Ratings*
Temperature under Bias ................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. The "Absolute Maximum Rat-
ings" are stress ratings only and functional
operation of the device at these or any other con-
ditions beyond those indicated in the operational
sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for
extended periods may affect device reliability.
Voltage Extremes referenced in the "Absolute
Maximum Ratings" are intended to accommo-
date short duration undershoot/overshoot condi-
tions and does not imply or guarantee functional
device operation at these levels for any extended
period of time
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages (except VCC but including NC pins))
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
Table 18-2.
DC and AC Operating Range
AT45DB021D
Operating Temperature (Case)
Ind.
-40
°C to 85°C
VCC Power Supply
2.7V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com