Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT45DB021D
Description  2-megabit 2.7-volt Minimum DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT45DB021D_09 Datasheet HTML 46Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 47Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 48Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 49Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 50Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 51Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 52Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 53Page - ATMEL Corporation AT45DB021D_09 Datasheet HTML 54Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
53
3638I–DFLASH–04/09
AT45DB021D
28. Revision History
Revision Level – Release Date
History
A – June 2006
Initial release.
B – February 2007
Removed RDY/BUSY pin references.
C – August 2007
Changed tVCSL time to 1 ms.
Changed IDP (Max) to 15 µA.
Added Chip Erase time.
Changed tRDPD time to 35 µs.
Fixed the typographical error in the Block Architecture diagram.
D – November 2007
Changed the tXFR and tCOMP times from 400 µs to 200 µs.
Changed part number ordering code to reflect NiPdAu lead finish.
- Changed AT45DB021D-MU to AT45DB021D-MH.
- Changed AT45DB021D-SSU to AT45DB021D-SSH.
- Changed AT45DB021D-SU to AT45DB021D-SH.
Added lead finish details to Ordering Information table.
Added Ordering Code Detail.
E – February 2008
Fixed the typographical error, under Status Register Read, to
indicate that bit 3 is a “0”.
F – April 2008
Replaced 8M1-A MLF Package with 8MA1 UDFN Package.
Added part number ordering code details for suffixes SL954/955.
G – February 2009
Changed tDIS (Typ and Max) to 27 ns and 35 ns, respectively.
H – March 2009
Changed Deep Power-Down Current values
- Increased typical value from 5 µA to 15 µA.
- Increased maximum value from 15 µA to 25 µA.
I - April 2009
Updated Absolute Maximum Ratings
Updated System Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com