Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-CU Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT45DB321D-CU
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-CU Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT45DB321D-CU Datasheet HTML 10Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 11Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 12Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 13Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 14Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 15Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 16Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 17Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
14
3597N–DFLASH–04/09
AT45DB321D
9.1
Sector Protection Register
The nonvolatile Sector Protection Register specifies which sectors are to be protected or unpro-
tected with either the software or hardware controlled protection methods. The Sector Protection
Register contains 64 bytes of data, of which byte locations 0 through 63 contain values that
specify whether sectors 0 through 63 will be protected or unprotected. The Sector Protection
Register is user modifiable and must first be erased before it can be reprogrammed. Table 9-3
illustrates the format of the Sector Protection Register.:
Note:
1. The default value for bytes 0 through 63 when shipped from Atmel is 00H.
x = don’t care.
Table 9-2.
Sector Protection Register
Sector Number
0 (0a, 0b)
1 to 63
Protected
See Table 9-3
FFH
Unprotected
00H
Table 9-3.
Sector 0 (0a, 0b)
0a
0b
Bit 3, 2
Data
Value
(Pages 0-7)
(Pages 8-127)
Bit 7, 6
Bit 5, 4
Bit 1, 0
Sectors 0a, 0b Unprotected
00
00
xx
xx
0xH
Protect Sector 0a (Pages 0-7)
11
00
xx
xx
CxH
Protect Sector 0b (Pages 8-127)
00
11
xx
xx
3xH
Protect Sectors 0a (Pages 0-7), 0b
(Pages 8-127)(1)
11
11
xx
xx
FxH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com