Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-CU Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT45DB321D-CU
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-CU Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT45DB321D-CU Datasheet HTML 41Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 42Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 43Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 44Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 45Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 46Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 47Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 48Page - ATMEL Corporation AT45DB321D-CU Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
45
3597N–DFLASH–04/09
AT45DB321D
24.9 Read Security Register (Opcode 77H)
24.10 Status Register Read (Opcode D7H)
24.11 Manufacturer and Device Read (Opcode 9FH)
SCK
CS
SI
SO
MSB
MSB
23
1
0
01110111
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
XXXX
XXX
XX
MSB
MSB
DDDDDDD
D
D
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE
SCK
CS
SI
SO
MSB
23
1
0
11010111
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
OPCODE
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
STATUS REGISTER DATA
STATUS REGISTER DATA
HIGH-IMPEDANCE
SCK
CS
SI
SO
6
0
9FH
8
7
38
OPCODE
1FH
DEVICE ID BYTE 1
DEVICE ID BYTE 2
00H
HIGH-IMPEDANCE
14
16
15
22
24
23
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com