Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 27 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 27 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 23Page - Integrated Circuit Systems ICS1893 Datasheet HTML 24Page - Integrated Circuit Systems ICS1893 Datasheet HTML 25Page - Integrated Circuit Systems ICS1893 Datasheet HTML 26Page - Integrated Circuit Systems ICS1893 Datasheet HTML 27Page - Integrated Circuit Systems ICS1893 Datasheet HTML 28Page - Integrated Circuit Systems ICS1893 Datasheet HTML 29Page - Integrated Circuit Systems ICS1893 Datasheet HTML 30Page - Integrated Circuit Systems ICS1893 Datasheet HTML 31Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 152 page
background image
Chapter 6
Interface Overviews
ICS1893 Rev C 6/6/00
June, 2000
27
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
6.2
100M Symbol Interface
The 100M Symbol Interface has a primary objective of supporting 100Base-TX repeater applications for
which the repeater requires only recovered parallel data and for which the repeater provides all the
necessary framing and control functions.
When the ICS1893 MAC/Repeater Interface is configured for 100M Symbol operations, the PHY and the
MAC/repeater exchange unframed 5-bit, parallel symbols at a 25-MHz clock rate.
The configuration functions of the ICS1893 determine the operation of its MAC/Repeater Interface. The
configuration functions are controlled by either input pins (in which case, the HW/SW pin is logic zero to
select the hardware mode) or Management Register bits (in which case, the HW/SW pin is logic one to
select the software mode).
• In hardware mode, the ICS1893 enables the 100M Symbol Interface when both of the following are true:
– Its MII/SI input pin is sampled as a logic one (that is, the selection is for the Symbol Interface).
– Its 10/100SEL input pin is sampled as a logic one (that is, the selection is for 100M operations).
• In software mode, the ICS1893 enables the 100M Symbol Interface when both the following are true:
– Its MII/SI input pin is sampled as a logic one (that is, the selection is for the Symbol Interface).
– Its Control Register Data Rate bit (bit 0.13) is set to logic one (that is, the selection is for selecting
100M operations)
The 100M Symbol Interface bypasses the ICS1893’s PCS and provides a direct, unscrambled, unframed,
5-bit interface between the MAC/repeater and the PMA sublayer. A benefit of bypassing the PCS is a
reduction in the latency through the PHY. That is, when the ICS1893’s MAC/Repeater Interface is
configured as a 100M Symbol Interface, the bit delays through the PHY are smaller than the standard MII
Data Interface can allow. The ICS1893 provides this 100M Symbol Interface primarily for Repeater
applications, for which latency is a critical performance parameter.
In addition to the exchange of symbol data, an ICS1893 configured for 100M Symbol mode provides
ISO/IEC-compliant control signals (such as CRS) to the MAC/repeater. The ICS1893’s CRS signal
provides a fast look-ahead, which can benefit a repeater application.
In the 100M Symbol Interface mode, the ICS1893 continues to assert the CRS signal using its PCS logic.
This action does not affect the bit delay or latency because the PCS CRS logic examines the bits received
from the PMA sublayer serially. In fact, because the PCS CRS does not wait for a nibble or symbol to be
constructed, the PCS CRS is available in advance of the symbol generation. Therefore, by using the PCS
CRS generation logic, the ICS1893 can provide an ‘early’indication of a Carrier Detect to the
MAC/repeater.
The 100M Symbol Interface consists of the following fourteen signals:
• SCRS
• SD
• SRCLK
• SRD[4:0]
• STCLK
• STD[4:0]
When the ICS1893 MAC/Repeater Interface is configured for 100M Symbol operations, its default MII pin
names and their associated functions are redefined. For more information, see Section 9.3.4.2,
“MAC/Repeater Interface Pins for 100M Symbol Interface”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com