Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 29 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 29 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 25Page - Integrated Circuit Systems ICS1893 Datasheet HTML 26Page - Integrated Circuit Systems ICS1893 Datasheet HTML 27Page - Integrated Circuit Systems ICS1893 Datasheet HTML 28Page - Integrated Circuit Systems ICS1893 Datasheet HTML 29Page - Integrated Circuit Systems ICS1893 Datasheet HTML 30Page - Integrated Circuit Systems ICS1893 Datasheet HTML 31Page - Integrated Circuit Systems ICS1893 Datasheet HTML 32Page - Integrated Circuit Systems ICS1893 Datasheet HTML 33Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 152 page
background image
Chapter 6
Interface Overviews
ICS1893 Rev C 6/6/00
June, 2000
29
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
6.3
10M Serial Interface
When the Mac/Repeater Interface is configured as a 10M Serial Interface, the ICS1893 and the
MAC/repeater exchange a framed, serial bit stream along with associated control signals. The 10M Serial
Interface configuration is ideally suited to applications that already incorporate a serial 10Base-T MAC with
a standard ‘7-wire’interface. The ICS1893 MAC/Repeater Interface can be configured for 10M Serial
Interface operations, as determined by ICS1893 configuration functions. When the HW/SW pin is set for:
• Hardware mode, the 10M Serial Interface is selected when both of the following are true:
– The MII/SI input pin is logic one (that is, the selection is for a Serial Interface).
– The 10/100SEL input pin is logic zero (that is, the selection is for 10M operations).
• Software mode, the 10M Serial Interface is selected when both of the following are true:
– The MII/SI input pin is logic one (that is, the selection is for a Serial Interface).
– The Control Register Data Rate bit (bit 0.13) is logic zero (that is, the selection is for 10M operations).
Note:
In software mode, the 10/100SEL pin becomes an output that indicates the state of bit 0.13.
A10M Serial Interface has two data paths: one for data transmission and one for data reception. Each data
path exchanges a serial bit stream with the MAC/repeater at a 10-MHz clock rate. A benefit of using the
10M Serial Interface – in contrast to the 10M MII Interface – is a reduction in the bit latency through the
ICS1893. This reduction is attributed to eliminating both parallel-to-serial and serial-to-parallel data
conversions.
The 10M Serial Interface consists of the following eight signals:
• 10COL
• 10CRS
• 10RCLK
• 10RD
• 10RXDV
• 10TCLK
• 10TD
• 10TXEN
When the ICS1893’s MAC/Repeater Interface is configured for 10M Serial operations, both its default MII
pin names and their associated functions are redefined. For more information, see Section 9.3.4.3,
“MAC/Repeater Interface Pins for 10M Serial Interface”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com