Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3U Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM3U
Description  AT91 ARM Thumb-based Microcontrollers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM3U Datasheet HTML 1Page - ATMEL Corporation ATSAM3U Datasheet HTML 2Page - ATMEL Corporation ATSAM3U Datasheet HTML 3Page - ATMEL Corporation ATSAM3U Datasheet HTML 4Page - ATMEL Corporation ATSAM3U Datasheet HTML 5Page - ATMEL Corporation ATSAM3U Datasheet HTML 6Page - ATMEL Corporation ATSAM3U Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
6483A–ATARM–04-Aug-09
ATSAM3U Errata
1.2
Errata
1.2.1
Flash Memory
1.2.1.1
FLASH: Flash Reading in 64-bit mode
Higher power consumption than expected can be seen when reading Flash in 64-bit mode.
Workaround
Use 128-bit mode instead.
Problem Fix
This issue will be fixed in the next revision.
1.2.1.2
FLASH: Flash issue running at frequency lower than 2.5 MHz
When the system clock (MCK) is lower then 2.5 MHz with 1 or 2 Wait State (WS) programmed in
the EEFC_FMR, the Cortex fetches wrong instructions.
Workaround
Do not use 1 or 2 WS when running at a frequency lower than 2.5 MHz.
Problem Fix
This issue will be fixed in the next revision.
1.2.2
12-bit ADC (ADC12B)
1.2.2.1
ADC12B: Single Ended Mode
When enabling a channel in single ended mode, AD12B0 (CH0) for example, the associated
channel in differential mode, AD12B1 and its associated pin are also activated. If the application
is using the PIO pin multiplexed with AD12B1 input, the PIO pin will switch to input Analog Mode
when the channel is enabled. However, the conversion result on AD12B0 channel is not
impacted.
Workaround
None.
Problem Fix
This issue will be fixed in the next revision.
1.2.2.2
ADC12B: Differential Mode
When enabling a channel in differential mode, CH0 (AD12B0-AD12B1 inputs) for example, only
the AD12B0 input will be set to input analog mode automatically by the ADC Controller.
Workaround
The associated differential input channel, AD12B1 must be enabled by the user’s software, i.e.,
CH1.
Problem Fix
This issue will be fixed in the next revision.
1.2.2.3
ADC12B: Wrong Mode after reset
After reset the ADC is not in Off Mode, but in Standby Mode leading to current consumption on
VDDANA (1.4 mA. instead of 0.1 µA).
Workaround



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com