Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3U Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM3U
Description  AT91 ARM Thumb-based Microcontrollers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM3U Datasheet HTML 1Page - ATMEL Corporation ATSAM3U Datasheet HTML 2Page - ATMEL Corporation ATSAM3U Datasheet HTML 3Page - ATMEL Corporation ATSAM3U Datasheet HTML 4Page - ATMEL Corporation ATSAM3U Datasheet HTML 5Page - ATMEL Corporation ATSAM3U Datasheet HTML 6Page - ATMEL Corporation ATSAM3U Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
6483A–ATARM–04-Aug-09
ATSAM3U Errata
Configure the ADC in Off Mode in the ADC Extended Mode Register (ADC_EMR) after reset.
Problem Fix
This issue will be fixed in the next revision.
1.2.2.4
ADC12B: Current Consumption in Backup Mode on VDDANA
In Backup mode, the ADC is not in Off Mode, but in Standby Mode (even if the software has pre-
viously put it in Off mode) leading to current consumption on VDDANA (1.4 mA instead of
0.1µA).
Workaround
None.
Problem Fix
This issue will be fixed in the next revision.
1.2.3
Serial Wire and JTAG Debug Port (SWJ-DP)
1.2.3.1
SWJ-DP: Asynchronous Trace (TRACESWO)
Asynchronous Trace (TRACESWO) does not work.
Workaround
None.
Problem Fix
This issue will be fixed in the next revision.
1.2.3.2
SWJ-DP: Processor Reset
A processor reset also asserts SWJ-DP. Connection issue in debug mode.
Workaround
Workaround applied by Segger on SAM-ICE Firmware.
Problem Fix
This issue will be fixed in the next revision.
1.2.4
Supply Controller (SUPC)
1.2.4.1
SUPC: Bad behavior of SMS and SMOS bit in SUPC_SR in Sample mode
When the Supply Monitor is configured in sample mode (SMSMPL > 1), the SMS and SMOS bits
of the supply controller status register (SUPC_SR) might not be reliable when polling SUPC_SR.
Workaround
Use the Supply Monitor Interrupt instead of polling the status register. In the interrupt handler,
set the Supply Monitor in Continuos mode to check the bits SMA and SMOS.
Problem Fix
This issue will be fixed in the next revision.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com