Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF230 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT86RF230
Description  Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF230 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT86RF230 Datasheet HTML 1Page - ATMEL Corporation AT86RF230 Datasheet HTML 2Page - ATMEL Corporation AT86RF230 Datasheet HTML 3Page - ATMEL Corporation AT86RF230 Datasheet HTML 4Page - ATMEL Corporation AT86RF230 Datasheet HTML 5Page - ATMEL Corporation AT86RF230 Datasheet HTML 6Page - ATMEL Corporation AT86RF230 Datasheet HTML 7Page - ATMEL Corporation AT86RF230 Datasheet HTML 8Page - ATMEL Corporation AT86RF230 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
2
5131E-MCU Wireless-02/09
AT86RF230
1 Pin-out Diagram
Figure 1-1.
AT86RF230 Pin-Out Diagram
AVSS
AVSS
AVSS
RFP
RFN
AVSS
TST
IRQ
MOSI
DVSS
MISO
SCLK
DVSS
CLKM
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
AT86RF230
RST
SEL
AVSS
Exposed Paddle
Note:
The exposed paddle is electrically connected to the die inside the package. It
shall be soldered to the board to ensure electrical and thermal contact and good
mechanical stability.
Disclaimer
Typical values contained in this datasheet are based on simulations and testing. Min
and Max values will be available when the radio transceiver has been fully
characterized.
2 Overview
The AT86RF230 is a low-power 2.4 GHz radio transceiver especially designed for
ZigBee/IEEE 802.15.4 applications. The AT86RF230 is a true SPI-to-antenna solution.
All RF-critical components except the antenna, crystal and de-coupling capacitors are
integrated on-chip. Therefore, the AT86RF230 is particularly suitable for applications
like:
• 2.4 GHz IEEE 802.15.4 and ZigBee systems
• 6LoWPAN and RF4CE systems
• Wireless sensor networks
• Industrial control, sensing and automation (SP100, WirelessHART)
• Home and building automation
• Consumer electronics
• PC peripherals
The AT86RF230 can be operated by using an external microcontroller like ATMEL’s
AVR microcontrollers. A comprehensive software programming description can be
found in the application note AVR2009 “AT86RF230 – Software Programming Model”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com