Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF230 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT86RF230
Description  Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF230 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT86RF230 Datasheet HTML 17Page - ATMEL Corporation AT86RF230 Datasheet HTML 18Page - ATMEL Corporation AT86RF230 Datasheet HTML 19Page - ATMEL Corporation AT86RF230 Datasheet HTML 20Page - ATMEL Corporation AT86RF230 Datasheet HTML 21Page - ATMEL Corporation AT86RF230 Datasheet HTML 22Page - ATMEL Corporation AT86RF230 Datasheet HTML 23Page - ATMEL Corporation AT86RF230 Datasheet HTML 24Page - ATMEL Corporation AT86RF230 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
21
5131E-MCU Wireless-02/09
AT86RF230
7 Operating Modes
7.1 Basic Operating Mode
This section summarizes all states to provide the basic functionality of the AT86RF230,
such as receiving and transmitting frames, and powering up and down. The Basic
Operating Mode is designed for IEEE 802.15.4 applications; the corresponding radio
transceiver states are shown in Figure 7-1.
Figure 7-1.
Basic Operating Mode State Diagram (for State Transition Timing Data Refer to Table 7-1)
SL
P_
TR
=H
SL
P_
TR
=L
7.1.1 State Control
The radio transceiver state is controlled by two signal pins (SLP_TR, RST ) and the
register 0x02 (TRX_STATE). A successful state change shall be confirmed by reading
the radio transceiver status from register 0x01 (TRX_STATUS).
If TRX_STATUS = 0x1F (STATE_TRANSITION_IN_PROGRESS) the AT86RF230 is
on a state transition. Do not try to initiate a further state change while the radio
transceiver is in STATE_TRANSITION_IN_PROGRESS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com