Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C3GA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R8C3GA
Description  RENESAS MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3GA Datasheet(HTML) 1 Page - Renesas Technology Corp

  R8C3GA Datasheet HTML 1Page - Renesas Technology Corp R8C3GA Datasheet HTML 2Page - Renesas Technology Corp R8C3GA Datasheet HTML 3Page - Renesas Technology Corp R8C3GA Datasheet HTML 4Page - Renesas Technology Corp R8C3GA Datasheet HTML 5Page - Renesas Technology Corp R8C3GA Datasheet HTML 6Page - Renesas Technology Corp R8C3GA Datasheet HTML 7Page - Renesas Technology Corp R8C3GA Datasheet HTML 8Page - Renesas Technology Corp R8C3GA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
REJ03B0235-0110 Rev.1.10 Sep. 10, 2009
Page 1 of 53
R8C/3GA Group
RENESAS MCU
1.
Overview
1.1
Features
The R8C/3GA Group of single-chip MCUs incorporates the R8C CPU core, employing sophisticated instructions
for a high level of efficiency. With 1 Mbyte of address space, and it is capable of executing instructions at high
speed. In addition, the CPU core boasts a multiplier for high-speed operation processing.
Power consumption is low, and the supported operating modes allow additional power control. These MCUs are
designed to maximize EMI/EMS performance.
Integration of many peripheral functions, including multifunction timer and serial interface, reduces the number of
system components.
The R8C/3GA Group has data flash (1 KB × 4 blocks) with the background operation (BGO) function.
1.1.1
Applications
Electronic household appliances, office equipment, audio equipment, consumer equipment, etc.
REJ03B0235-0110
Rev.1.10
Sep. 10, 2009


Similar Part No. - R8C3GA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C3GA RENESAS-R8C3GA_15 Datasheet
474Kb / 58P
RENESAS MCU
More results

Similar Description - R8C3GA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com