Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C3GA Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R8C3GA
Description  RENESAS MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3GA Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R8C3GA Datasheet HTML 28Page - Renesas Technology Corp R8C3GA Datasheet HTML 29Page - Renesas Technology Corp R8C3GA Datasheet HTML 30Page - Renesas Technology Corp R8C3GA Datasheet HTML 31Page - Renesas Technology Corp R8C3GA Datasheet HTML 32Page - Renesas Technology Corp R8C3GA Datasheet HTML 33Page - Renesas Technology Corp R8C3GA Datasheet HTML 34Page - Renesas Technology Corp R8C3GA Datasheet HTML 35Page - Renesas Technology Corp R8C3GA Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
R8C/3GA Group
5. Electrical Characteristics
REJ03B0235-0110 Rev.1.10 Sep. 10, 2009
Page 32 of 53
Notes:
1.
VCC = 2.7 to 5.5 V at Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
Definition of programming/erasure endurance
The programming and erasure endurance is defined on a per-block basis.
If the programming and erasure endurance is n (n = 10,000), each block can be erased n times. For example, if 1,024 1-byte
writes are performed to different addresses in block A, a 1 Kbyte block, and then the block is erased, the
programming/erasure endurance still stands at one.
However, the same address must not be programmed more than once per erase operation (overwriting prohibited).
3.
Endurance to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
4.
In a system that executes multiple programming operations, the actual erasure count can be reduced by writing to sequential
addresses in turn so that as much of the block as possible is used up before performing an erase operation. For example,
when programming groups of 16 bytes, the effective number of rewrites can be minimized by programming up to 128 groups
before erasing them all in one operation. In addition, averaging the erasure endurance between blocks A to D can further
reduce the actual erasure endurance. It is also advisable to retain data on the erasure endurance of each block and limit the
number of erase operations to a certain number.
5.
If an error occurs during block erase, attempt to execute the clear status register command, then execute the block erase
command at least three times until the erase error does not occur.
6.
Customers desiring program/erase failure rate information should contact their Renesas technical support representative.
7.
−40°C for D version.
8.
The data hold time includes time that the power supply is off or the clock is not supplied.
Figure 5.2
Time delay until Suspend
Table 5.8
Flash Memory (Data flash Block A to Block D) Electrical Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Program/erase endurance (2)
10,000 (3)
−−
times
−
Byte program time
(program/erase endurance
≤ 1,000 times)
−
160
−µs
−
Byte program time
(program/erase endurance
> 1,000 times)
−
300
−µs
−
Block erase time
(program/erase endurance
≤ 1,000 times)
−
0.2
−
s
−
Block erase time
(program/erase endurance
> 1,000 times)
−
0.3
−
s
td(SR-SUS)
Time delay from suspend request until
suspend
−−
5+CPU clock
× 3 cycles
ms
−
Interval from erase start/restart until
following suspend request
33
−−
ms
−
Suspend interval necessary for auto-
erasure to complete
33
−−
ms
−
Time from suspend until erase restart
−−
30+CPU clock
× 1 cycle
µs
−
Program, erase voltage
2.7
−
5.5
V
−
Read voltage
1.8
−
5.5
V
−
Program, erase temperature
−20 (7)
−
85
°C
−
Data hold time (8)
Ambient temperature = 55
°C20
−−
year
FST6 bit
Suspend request
(FMR21 bit)
Fixed time
td(SR-SUS)
Clock-dependent
time
Access restart
FST6: Bit in FST register
FMR21: Bit in FMR2 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com