Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6457GLFD Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F6457GLFD
Description  RENESAS MCU
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6457GLFD Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F6457GLFD Datasheet HTML 93Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 94Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 95Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 96Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 97Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 98Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 99Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 100Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 132 page
background image
REJ03B0234-0102 Rev.1.02 Nov 30, 2009
Page 97 of 129
R32C/157 Group
5. Electrical Characteristics
Notes:
1.
The device is operationally guaranteed under these operating conditions.
2.
These conditions are applicable when each port is designated as input.
Table 5.6
Operating Conditions (5/6)
(VCC = 3.0 to 5.5 V, VSS =0V, and Ta =Topr, unless otherwise noted) (1, 2)
Symbol
Characteristic
Measurement
Condition
Value
Unit
Min. Typ. Max.
IIC(H)
High input
injection
current
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_5, P7_7,
P8_0 to P8_5, P9_1, P9_3 to P9_6,
P10_0 to P10_7, P11_0 to P11_4,
P12_0 to P12_7, P13_0 to P13_7,
P14_1, P14_3 to P14_6,
P15_0toP15_7
VI > VCC
2mA
IIC(L)
Low input
injection
current
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_5, P7_7,
P8_0 to P8_5, P9_1, P9_3 to P9_6,
P10_0 to P10_7, P11_0 to P11_4,
P12_0 to P12_7, P13_0 to P13_7,
P14_1, P14_3 to P14_6,
P15_0toP15_7
VI < VSS
-2
mA
Σ|IIC|
Total injection current
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com