Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6457GLFD Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F6457GLFD
Description  RENESAS MCU
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6457GLFD Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F6457GLFD Datasheet HTML 17Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 18Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 19Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 20Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 21Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 22Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 23Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 24Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 132 page
background image
REJ03B0234-0102 Rev.1.02 Nov 30, 2009
Page 21 of 129
R32C/157 Group
4. Special Function Registers (SFRs)
Table 4.2
SFR List (2)
Address
Register
Symbol
Reset Value
000060h
000061h Timer B5 Interrupt Control Register
TB5IC
XXXX X000b
000062h
000063h UART2 Receive/ACK Interrupt Control Register
S2RIC
XXXX X000b
000064h
000065h
000066h
000067h
000068h DMA0 Transfer Complete Interrupt Control Register
DM0IC
XXXX X000b
000069h UART0 Start Condition/Stop Condition Detection Interrupt
Control Register
BCN0IC
XXXX X000b
00006Ah DMA2 Transfer Complete Interrupt Control Register
DM2IC
XXXX X000b
00006Bh A/D Converter 0 Convert Completion Interrupt Control Register
AD0IC
XXXX X000b
00006Ch Timer A0 Interrupt Control Register
TA0IC
XXXX X000b
00006Dh Intelligent I/O Interrupt Control Register 0
IIO0IC
XXXX X000b
00006Eh Timer A2 Interrupt Control Register
TA2IC
XXXX X000b
00006Fh Intelligent I/O Interrupt Control Register 2
IIO2IC
XXXX X000b
000070h Timer A4 Interrupt Control Register
TA4IC
XXXX X000b
000071h Intelligent I/O Interrupt Control Register 4
IIO4IC
XXXX X000b
000072h UART0 Receive/ACK Interrupt Control Register
S0RIC
XXXX X000b
000073h Intelligent I/O Interrupt Control Register 6
IIO6IC
XXXX X000b
000074h UART1 Receive/ACK Interrupt Control Register
S1RIC
XXXX X000b
000075h Intelligent I/O Interrupt Control Register 8
IIO8IC
XXXX X000b
000076h Timer B1 Interrupt Control Register
TB1IC
XXXX X000b
000077h Intelligent I/O Interrupt Control Register 10
IIO10IC
XXXX X000b
000078h Timer B3 Interrupt Control Register
TB3IC
XXXX X000b
000079h
00007Ah INT5 Interrupt Control Register
INT5IC
XX00 X000b
00007Bh CAN0 Wake-up Interrupt Control Register
C0WIC
XXXX X000b
00007Ch INT3 Interrupt Control Register
INT3IC
XX00 X000b
00007Dh CAN2 Wake-up Interrupt Control Register
C2WIC
XXXX X000b
00007Eh INT1 Interrupt Control Register
INT1IC
XX00 X000b
00007Fh LIN Low Detection Interrupt Control Register
LLDIC
XXXX X000b
000080h
000081h UART2 Transmit/NACK Interrupt Control Register
S2TIC
XXXX X000b
000082h
000083h
000084h
000085h
000086h
000087h UART2 Start Condition/Stop Condition Detection Interrupt
Control Register
BCN2IC
XXXX X000b
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com