Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7X512 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 28Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 29Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 30Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 35Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 687 page
background image
32
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
10.3
Peripheral Multiplexing on PIO Lines
The AT91SAM7X512/256/128 features two PIO controllers, PIOA and PIOB, that multiplex the
I/O lines of the peripheral set.
Each PIO Controller controls 31 lines. Each line can be assigned to one of two peripheral func-
tions, A or B. Some of them can also be multiplexed with the analog inputs of the ADC
Controller.
Table 10-2 on page 33 and Table 10-3 on page 34 defines how the I/O lines of the peripherals A,
B or the analog inputs are multiplexed on the PIO Controller A and PIO Controller B. The two
columns “Function” and “Comments” have been inserted for the user’s own comments; they may
be used to track how pins are defined in an application.
Note that some peripheral functions that are output only, may be duplicated in the table.
At reset, all I/O lines are automatically configured as input with the programmable pull-up
enabled, so that the device is maintained in a static state as soon as a reset is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com