Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7X512 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 41Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 42Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 43Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 44Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 45Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 46Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 47Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 48Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 687 page
background image
45
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
12. Debug and Test Features
12.1
Description
The AT91SAM7X Series features a number of complementary debug and test capabilities. A
common JTAG/ICE (In-Circuit Emulator) port is used for standard debugging functions, such as
downloading code and single-stepping through programs. The Debug Unit provides a two-pin
UART that can be used to upload an application into internal SRAM. It manages the interrupt
handling of the internal COMMTX and COMMRX signals that trace the activity of the Debug
Communication Channel.
A set of dedicated debug and test input/output pins gives direct access to these capabilities from
a PC-based test environment.
12.2
Block Diagram
Figure 12-1. Debug and Test Block Diagram
ICE
PDC
DBGU
DRXD
DTXD
TST
TMS
TCK
TDI
JTAGSEL
TDO
Boundary
TAP
ICE/JTAG
TAP
ARM7TDMI
Reset
and
Test
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com