Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny25-15ST Datasheet(PDF) 83 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 79Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 80Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 81Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 82Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 83Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 84Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 85Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 86Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 196 page
background image
83
7598H–AVR–07/09
ATtiny25/45/85
Figure 14-3. Timer/Counter1 Block Diagram
Three status flags (overflow and compare matches) are found in the Timer/Counter Interrupt
Flag Register - TIFR. Control signals are found in the Timer/Counter Control Registers TCCR1
and GTCCR. The interrupt enable/disable settings are found in the Timer/Counter Interrupt
Mask Register - TIMSK.
The Timer/Counter1 contains three Output Compare Registers, OCR1A, OCR1B, and OCR1C
as the data source to be compared with the Timer/Counter1 contents. In normal mode the Out-
put Compare functions are operational with all three output compare registers. OCR1A
determines action on the OC1A pin (PB1), and it can generate Timer1 OC1A interrupt in normal
mode and in PWM mode. Likewise, OCR1B determines action on the OC1B pin (PB3) and it can
generate Timer1 OC1B interrupt in normal mode and in PWM mode. OCR1C holds the
Timer/Counter maximum value, i.e. the clear on compare match value. In the normal mode an
overflow interrupt (TOV1) is generated when Timer/Counter1 counts from $FF to $00, while in
the PWM mode the overflow interrupt is generated when Timer/Counter1 counts either from $FF
to $00 or from OCR1C to $00. The inverted PWM outputs OC1A and OC1B are not connected in
normal mode.
In PWM mode, OCR1A and OCR1B provide the data values against which the Timer Counter
value is compared. Upon compare match the PWM outputs (OC1A, OC1A, OC1B, OC1B) are
generated. In PWM mode, the Timer Counter counts up to the value specified in the output com-
pare register OCR1C and starts again from $00. This feature allows limiting the counter “full”
value to a specified value, lower than $FF. Together with the many prescaler options, flexible
PWM frequency selection is provided. Table 14-6 lists clock selection and OCR1C values to
obtain PWM frequencies from 20 kHz to 250 kHz in 10 kHz steps and from 250 kHz to 500 kHz
in 50 kHz steps. Higher PWM frequencies can be obtained at the expense of resolution.
8-BIT DATABUS
TIMER INT. FLAG
REGISTER (TIFR)
TIMER/COUNTER1
8-BIT COMPARATOR
T/C1 OUTPUT
COMPARE REGISTER
TIMER INT. MASK
REGISTER (TIMSK)
TIMER/COUNTER1
(TCNT1)
T/C CLEAR
T/C1 CONTROL
LOGIC
CK
PCK
T/C1 OVER-
FLOW IRQ
T/C1 COMPARE
MATCH B IRQ
OC1A
(PB1)
T/C1 COMPARE
MATCH A IRQ
T/C CONTROL
REGISTER 1 (TCCR1)
(OCR1A)
(OCR1B)
(OCR1C)
8-BIT COMPARATOR
T/C1 OUTPUT
COMPARE REGISTER
8-BIT COMPARATOR
T/C1 OUTPUT
COMPARE REGISTER
GLOBAL T/C CONTROL
REGISTER (GTCCR)
OC1A
(PB0)
OC1B
(PB4)
OC1B
(PB3)
DEAD TIME GENERATOR
DEAD TIME GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com