Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny25-15ST Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 81Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 82Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 83Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 84Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 85Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 86Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 87Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 88Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 196 page
background image
85
7598H–AVR–07/09
ATtiny25/45/85
The Stop condition provides a Timer Enable/Disable function.
14.1.2
General Timer/Counter1 Control Register - GTCCR
• Bit 6- PWM1B: Pulse Width Modulator B Enable
When set (one) this bit enables PWM mode based on comparator OCR1B in Timer/Counter1
and the counter value is reset to $00 in the CPU clock cycle after a compare match with OCR1C
register value.
• Bits 5,4 - COM1B1, COM1B0: Comparator B Output Mode, Bits 1 and 0
The COM1B1 and COM1B0 control bits determine any output pin action following a compare
match with compare register B in Timer/Counter1. Output pin actions affect pin PB3 (OC1B).
Since this is an alternative function to an I/O port, the corresponding direction control bit must be
set (one) in order to control an output pin. Note that OC1B is not connected in normal mode.
In PWM mode, these bits have different functions. Refer to Table 14-4 on page 90 for a detailed
description.
0
1
1
1
PCK/64
CK/64
1
0
0
0
PCK/128
CK/128
1
0
0
1
PCK/256
CK/256
1
0
1
0
PCK/512
CK/512
1
0
1
1
PCK/1024
CK/1024
1
1
0
0
PCK/2048
CK/2048
1
1
0
1
PCK/4096
CK/4096
1
1
1
0
PCK/8192
CK/8192
1
1
1
1
PCK/16384
CK/16384
Table 14-2.
Timer/Counter1 Prescale Select (Continued)
CS13
CS12
CS11
CS10
Asynchronous
Clocking Mode
Synchronous
Clocking Mode
Bit
7
6
5
4
3
2
1
0
$2C ($4C)
TSM
PWM1B
COM1B1
COM1B0
FOC1B
FOC1A
PSR1
PSR0
GTCCR
Read/Write
R/W
R/W
R/W
R/W
W
W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
Table 14-3.
Comparator B Mode Select
COM1B1
COM1B0
Description
0
0
Timer/Counter Comparator B disconnected from output pin OC1B.
0
1
Toggle the OC1B output line.
1
0
Clear the OC1B output line.
1
1
Set the OC1B output line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com