Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny25 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # ATtiny25
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button ATtiny25 Datasheet HTML 77Page - ATMEL Corporation ATtiny25 Datasheet HTML 78Page - ATMEL Corporation ATtiny25 Datasheet HTML 79Page - ATMEL Corporation ATtiny25 Datasheet HTML 80Page - ATMEL Corporation ATtiny25 Datasheet HTML 81Page - ATMEL Corporation ATtiny25 Datasheet HTML 82Page - ATMEL Corporation ATtiny25 Datasheet HTML 83Page - ATMEL Corporation ATtiny25 Datasheet HTML 84Page - ATMEL Corporation ATtiny25 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 196 page
background image
81
7598H–AVR–07/09
ATtiny25/45/85
14. Counter and Compare Units
Figure 14-1 shows the Timer/Counter1 prescaler that supports two clocking modes, a synchro-
nous clocking mode and an asynchronous clocking mode. The synchronous clocking mode uses
the system clock (CK) as the clock timebase and asynchronous mode uses the fast peripheral
clock (PCK) as the clock time base. The PCKE bit from the PLLCSR register enables the asyn-
chronous mode when it is set (‘1’).
Figure 14-1. Timer/Counter1 Prescaler
In the asynchronous clocking mode the clock selections are from PCK to PCK/16384 and stop,
and in the synchronous clocking mode the clock selections are from CK to CK/16384 and stop.
The clock options are described in Table 14-2 on page 84 and the Timer/Counter1 Control Reg-
ister, TCCR1. Setting the PSR1 bit in GTCCR register resets the prescaler. The PCKE bit in the
PLLCSR register enables the asynchronous mode. The frequency of the fast peripheral clock is
64 MHz (or 32 MHz in Low Speed Mode).
14.1
Timer/Counter1
The Timer/Counter1 general operation is described in the asynchronous mode and the opera-
tion in the synchronous mode is mentioned only if there are differences between these two
modes. Figure 14-2 shows Timer/Counter 1 synchronization register block diagram and syn-
chronization delays in between registers. Note that all clock gating details are not shown in the
figure. The Timer/Counter1 register values go through the internal synchronization registers,
which cause the input synchronization delay, before affecting the counter operation. The regis-
ters TCCR1, GTCCR, OCR1A, OCR1B, and OCR1C can be read back right after writing the
register. The read back values are delayed for the Timer/Counter1 (TCNT1) register and flags
(OCF1A, OCF1B, and TOV1), because of the input and output synchronization.
The Timer/Counter1 features a high resolution and a high accuracy usage with the lower pres-
caling opportunities. It can also support two accurate, high speed, 8-bit Pulse Width Modulators
using clock speeds up to 64 MHz ( or 32 MHz in Low Speed Mode). In this mode,
Timer/Counter1 and the output compare registers serve as dual stand-alone PWMs with
non-overlapping non-inverted and inverted outputs. Refer to page 90 for a detailed description
on this function. Similarly, the high prescaling opportunities make this unit useful for lower speed
functions or exact timing functions with infrequent actions.
TIMER/COUNTER1 COUNT ENABLE
PSR1
CS10
CS11
CS12
PCK 64/32 MHz
0
CS13
14-BIT
T/C PRESCALER
S
A
CK
PCKE
T1CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com