Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny25 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # ATtiny25
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button ATtiny25 Datasheet HTML 50Page - ATMEL Corporation ATtiny25 Datasheet HTML 51Page - ATMEL Corporation ATtiny25 Datasheet HTML 52Page - ATMEL Corporation ATtiny25 Datasheet HTML 53Page - ATMEL Corporation ATtiny25 Datasheet HTML 54Page - ATMEL Corporation ATtiny25 Datasheet HTML 55Page - ATMEL Corporation ATtiny25 Datasheet HTML 56Page - ATMEL Corporation ATtiny25 Datasheet HTML 57Page - ATMEL Corporation ATtiny25 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 196 page
background image
54
7598H–AVR–07/09
ATtiny25/45/85
10.3.1
MCU Control Register – MCUCR
• Bit 6 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). See “Con-
figuring the Pin” on page 48 for more details about this feature.
10.3.2
Alternate Functions of Port B
The Port B pins with alternate function are shown in Table 10-3.
Notes:
1. Reset Pin, debugWIRE I/O, ADC Input Channel or Pin Change Interrupt.
2. XOSC Output, Divided System Clock Output, ADC Input Channel, Timer/Counter1 Output
Compare and PWM Output B, or Pin Change Interrupt.
3. XOSC Input / External Clock Input, ADC Input Channel, Timer/Counter1 Inverted Output Com-
pare and PWM Output B, or Pin Change Interrupt.
4. Serial Clock Input, ADC Input Channel, Timer/Counter Clock Input, USI Clock (three-wire
mode), USI Clock (two-wire mode), External Interrupt, or Pin Change Interrupt.
5. Serial Data Input, Analog Comparator Negative Input, Timer/Counter0 Output Compare and
PWM Output B, Timer/Counter1 Output Compare and PWM Output A, USI Data Output
(three-wire mode), or Pin Change Interrupt.
6. Serial Data Output, Analog Comparator Positive Input, Timer/Counter0 Output Compare and
PWM Output A, Timer/Counter1 Inverted Output Compare and PWM Output A, USI Data Input
(three-wire mode), USI Data (two-wire mode), Voltage Ref., or Pin Change Interrupt.
• Port B, Bit 5 - RESET/dW/ADC0/PCINT5
RESET: External Reset input is active low and enabled by unprogramming (“1”) the RSTDISBL
Fuse. Pullup is activated and output driver and digital input are deactivated when the pin is used
as the RESET pin.
dW: When the debugWIRE Enable (DWEN) Fuse is programmed and Lock bits are unpro-
grammed, the debugWIRE system within the target device is activated. The RESET port pin is
configured as a wire-AND (open-drain) bi-directional I/O pin with pull-up enabled and becomes
the communication gateway between target and emulator.
ADC0: Analog to Digital Converter, Channel 0.
PCINT5: Pin Change Interrupt source 5.
Bit
7
6
5
4
3
2
1
0
BODS
PUD
SE
SM1
SM0
BODSE
ISC01
ISC00
MCUCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 10-3.
Port B Pins Alternate Functions
Port Pin
Alternate Function
PB5
RESET / dW / ADC0 / PCINT5(1)
PB4
XTAL2 / CLKO / ADC2 / OC1B / PCINT4(2)
PB3
XTAL1 / ADC3 / OC1B / PCINT3(3)
PB2
SCK / ADC1 / T0 / USCK / SCL / INT0 / PCINT2(4)
PB1
MISO / AIN1 / OC0B / OC1A / DO / PCINT1(5)
PB0
MOSI / AIN0 / OC0A / OC1A / DI / SDA / AREF / PCINT0(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com