Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny25 Datasheet(PDF) 172 Page - ATMEL Corporation

Part # ATtiny25
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25 Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button ATtiny25 Datasheet HTML 168Page - ATMEL Corporation ATtiny25 Datasheet HTML 169Page - ATMEL Corporation ATtiny25 Datasheet HTML 170Page - ATMEL Corporation ATtiny25 Datasheet HTML 171Page - ATMEL Corporation ATtiny25 Datasheet HTML 172Page - ATMEL Corporation ATtiny25 Datasheet HTML 173Page - ATMEL Corporation ATtiny25 Datasheet HTML 174Page - ATMEL Corporation ATtiny25 Datasheet HTML 175Page - ATMEL Corporation ATtiny25 Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 196 page
background image
172
7598H–AVR–07/09
ATtiny25/45/85
Figure 23-33. BOD Thresholds vs. Temperature (BODLEVEL Is 1.8V)
23.8
Internal Oscillator Speed
Figure 23-34. Watchdog Oscillator Frequency vs. V
CC)
BOD THRES HOLDS vs . TEMP ERATURE
BODLEVEL a t 1.8V
Ris ing Vcc
Falling Vcc
1.6
1.65
1.7
1.75
1.8
1.85
1.9
-50 -40
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140
Te mperature (C)
WATCHDOC OS CILLATOR FREQUENCY vs . V CC
125 ˚C
85 ˚C
25 ˚C
-40 ˚C
0.1
0.102
0.104
0.106
0.108
0.11
0.112
0.114
0.116
0.118
1.52
2.53
3.5
4
4.55
5.5
V
CC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com