Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MD Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATtiny87-15MD
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MD Datasheet(HTML) 3 Page - ATMEL Corporation

  ATtiny87-15MD Datasheet HTML 1Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 2Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 3Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 4Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 5Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 6Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 7Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 8Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
7792B–AVR–05/09
ATtiny87/ATtiny167 Automotive
Output High Voltage(4),
I/O pin except RESET
IOH = –10 mA, VCC = 5V
VOH
4.0
V
Input Leakage
Current I/O Pin
VCC = 5.5V, pin low
(absolute value)
IIL
1µA
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin high
(absolute value)
IIH
1µA
Reset Pull-up Resistor
RRST
35
65
k
Ω
I/O Pin Pull-up Resistor
RPU
20
50
k
Ω
Power Supply Current
Active mode
16 MHz, Vcc = 5V
ICC
10
15
mA
8 MHz, Vcc = 5V
ICC
5.5
8.0
mA
8 MHz, Vcc = 3V
ICC
2.8
4.0
mA
4 MHz, Vcc = 3V
ICC
1.8
3.0
mA
Power Supply Current
Idle mode
16 MHz, Vcc = 5V
ICC
3.5
6.0
mA
8 MHz, Vcc = 5V
ICC
1.8
3.0
mA
8 MHz, Vcc = 3V
ICC
1.0
2.0
mA
4 MHz, Vcc = 3V
ICC
0.5
1.0
mA
Power Supply Current
Power-down mode
WDT enabled, Vcc = 5V
ICC
7
150
µA
WDT disabled, Vcc = 5V
ICC
0.18
150
µA
WDT enabled, Vcc = 3V
ICC
5
150
µA
WDT disabled, Vcc = 3V
ICC
0.15
100
µA
Analog Comparator
Input Leakage Current
VCC = 5V
Vin = VCC/2
IACLK
–50
+50
nA
Analog Comparator
Propagation Delay
VCC = 4.0V
tACPD
180
ns
1.2
DC Characteristics (Continued)
TA = –40°C to +150°C, VCC = 4.5V to 5.5V (unless otherwise noted) (Continued)
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low
2. “Min” means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20 mA at V
CC = 5V) under steady state conditions (non-tran-
sient), the following must be observed:
1] The sum of all IOL, for all ports, should not exceed 400 mA.
2] The sum of all IOL, for ports C0 - C5, should not exceed 200 mA.
3] The sum of all IOL, for ports C6, D0 - D4, should not exceed 300 mA.
4] The sum of all IOL, for ports B0 - B7, D5 - D7, should not exceed 300 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. For temperature range +125°C to +150°C only. For –40°C to +125°C, refer to ATtiny167automotive datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com