Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MD Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATtiny87-15MD
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MD Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATtiny87-15MD Datasheet HTML 2Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 3Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 4Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 5Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 6Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 7Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 8Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 9Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
7792B–AVR–05/09
ATtiny87/ATtiny167 Automotive
Notes:
1. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
2. For Speed versus V
cc, see complete datasheet.
3. RevA engineering samples P/N given for reference. For RevB samples, order ATtiny167-15MD, ATtiny15XD.
3.
Ordering Information
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operation Range
16(2)
4.5V - 5.5V
ATtiny87-15MD
PN
Extended (–40°C to +150°C)
16(2)
4.5V - 5.5V
ATtiny87-15XD
6G
Extended (–40°C to +150°C)
16(2)
4.5V - 5.5V
ATtiny167-ESMD(3)
PN
Engineering samples
16(2)
4.5V - 5.5V
ATtiny167-ESXD(3)
6G
Engineering samples
16(2)
4.5V - 5.5V
ATtiny167-15MD
PN
Extended (–40°C to +150°C)
16(2)
4.5V - 5.5V
ATtiny167-15XD
6G
Extended (–40°C to +150°C)
4.
Package Information
Package Type
PN
32-pad, 5
× 5 × 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF): E2/D2
3.1 ±0.1 mm
6G
20-leads, 4.4
× 6.5 mm body - 0.65 mmPitch - Lead Length: 0.6 mm, Thin Shrink Small Outline Package (TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com