Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC190 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVC190
Description  Silicon Epitaxial Planar PIN Diode for Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC190 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVC190 Datasheet HTML 1Page - Renesas Technology Corp HVC190 Datasheet HTML 2Page - Renesas Technology Corp HVC190 Datasheet HTML 3Page - Renesas Technology Corp HVC190 Datasheet HTML 4Page - Renesas Technology Corp HVC190 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G0441-0200 Rev.2.00 Oct 08, 2009
Page 1 of 4
HVC190
Silicon Epitaxial Planar PIN Diode for Attenuator
REJ03G0441-0200
Rev.2.00
Oct 08, 2009
Features
• Low capacitance. (C=0.35pF max)
• Low forward resistance (rf=3.0Ω typ.)
• Ultra small Flat lead Package (UFP) is suitable for surface mount design.
Ordering Information
Part No
Laser Mark
Package Name
Package Code
Taping Abbreviation
(Quantity)
HVC190 TRF
HVC190 KRF
H9
UFP
PWSF0002ZA-A
TRF (4,000 pcs / reel)
KRF (8,000 pcs / reel)
Pin Arrangement
12
H9
Cathode mark
Mark
1. Cathode
2. Anode


Similar Part No. - HVC190

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVC190 RENESAS-HVC190 Datasheet
142Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results

Similar Description - HVC190

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVB187YP RENESAS-HVB187YP Datasheet
147Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
HVM189S RENESAS-HVM189S Datasheet
156Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
logo
Hitachi Semiconductor
1SV121 HITACHI-1SV121 Datasheet
22Kb / 3P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVB14S RENESAS-HVB14S Datasheet
146Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14 RENESAS-HVM14 Datasheet
56Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14S RENESAS-HVM14S Datasheet
70Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14SR RENESAS-HVM14SR Datasheet
71Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM187S RENESAS-HVM187S Datasheet
68Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM187WK RENESAS-HVM187WK Datasheet
67Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVU187 RENESAS-HVU187 Datasheet
61Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com