Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48 Datasheet(PDF) 257 Page - ATMEL Corporation

Part # ATtiny48
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48 Datasheet(HTML) 257 Page - ATMEL Corporation

Back Button ATtiny48 Datasheet HTML 253Page - ATMEL Corporation ATtiny48 Datasheet HTML 254Page - ATMEL Corporation ATtiny48 Datasheet HTML 255Page - ATMEL Corporation ATtiny48 Datasheet HTML 256Page - ATMEL Corporation ATtiny48 Datasheet HTML 257Page - ATMEL Corporation ATtiny48 Datasheet HTML 258Page - ATMEL Corporation ATtiny48 Datasheet HTML 259Page - ATMEL Corporation ATtiny48 Datasheet HTML 260Page - ATMEL Corporation ATtiny48 Datasheet HTML 261Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 266 page
background image
257
8008C–AVR–03/09
ATtiny48/88
28. Datasheet Revision History
Please note that page references in this section refer to the current revision of this document.
28.1
Rev. 8008C - 03/09
1.
Updated sections:
– “Features” on page 1
– “Reset and Interrupt Handling” on page 13
– “EECR – EEPROM Control Register” on page 22
– “Features” on page 124
– “Bit Rate Generator Unit” on page 130
– “TWBR – TWI Bit Rate Register” on page 151
– “TWHSR – TWI High Speed Register” on page 154
– “Analog Comparator” on page 155
– “Overview” on page 158
– “Operation” on page 159
– “Starting a Conversion” on page 160
– “Programming the Lock Bits” on page 195
– “Absolute Maximum Ratings*” on page 201
– “DC Characteristics” on page 201
– “Speed Grades” on page 203
– “Register Summary” on page 243
2.
Added sections
– “High-Speed Two-Wire Interface Clock – clkTWIHS” on page 26
– “Analog Comparator Characteristics” on page 205
3.
Updated Figure 6-1 on page 25.
4.
Updated order codes on page 249 and page 250 to reflect changes in leadframe
composition.
28.2
Rev. 8008B - 06/08
1.
Updated introduction of “I/O-Ports” on page 55.
2.
Updated “DC Characteristics” on page 201.
3.
Added “Typical Charateristics” on page 215.
28.3
Rev. 8008A - 06/08
1.
Initial revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com