Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATtiny48
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATtiny48 Datasheet HTML 23Page - ATMEL Corporation ATtiny48 Datasheet HTML 24Page - ATMEL Corporation ATtiny48 Datasheet HTML 25Page - ATMEL Corporation ATtiny48 Datasheet HTML 26Page - ATMEL Corporation ATtiny48 Datasheet HTML 27Page - ATMEL Corporation ATtiny48 Datasheet HTML 28Page - ATMEL Corporation ATtiny48 Datasheet HTML 29Page - ATMEL Corporation ATtiny48 Datasheet HTML 30Page - ATMEL Corporation ATtiny48 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 266 page
background image
27
8008C–AVR–03/09
ATtiny48/88
and temperature dependent, as shown in “Watchdog Oscillator Frequency vs. VCC” on page
236 and “Watchdog Oscillator Frequency vs. Temperature” on page 237.
The main purpose of the delay is to keep the AVR in reset until it is supplied with minimum V
CC.
The delay will not monitor the actual voltage and it will be required to select a delay longer than
the V
CC rise time. If this is not possible, an internal or external Brown-Out Detection circuit
should be used. A BOD circuit will ensure sufficient V
CC before it releases the reset, and the
time-out delay can be disabled. Disabling the time-out delay without utilizing a Brown-Out Detec-
tion circuit is not recommended.
The oscillator is required to oscillate for a minimum number of cycles before the clock is consid-
ered stable. An internal ripple counter monitors the oscillator output clock, and keeps the internal
reset active for a given number of clock cycles. The reset is then released and the device will
start to execute.
The start-up sequence for the clock includes both the time-out delay and the start-up time when
the device starts up from reset. When starting up from Power-down mode, V
CC is assumed to be
at a sufficient level and only the start-up time is included.
6.3
Calibrated Internal Oscillator
By default, the Internal Oscillator provides an approximate 8.0 MHz clock. Though voltage and
temperature dependent, this clock can be very accurately calibrated by the user. See Table 21-1
on page 203 for more details. The device is shipped with the CKDIV8 Fuse programmed. See
“System Clock Prescaler” on page 30 for more details.
This clock may be selected as the system clock by programming the CKSEL Fuses as shown in
Table 6-3. If selected, it will operate with no external components. During reset, hardware loads
the pre-programmed calibration value into the OSCCAL Register and thereby automatically cal-
ibrates the oscillator. The accuracy of this calibration is shown as Factory calibration in Table 21-
1 on page 203.
By changing the OSCCAL register from SW, see “OSCCAL – Oscillator Calibration Register” on
page 31, it is possible to get a higher calibration accuracy than by using the factory calibration.
The accuracy of this calibration is shown as User calibration in Table 21-1 on page 203.
Table 6-2.
Length of Startup Sequence.
CKSEL1:0
SUT1:0
Number of WDT Cycles
Typical Time-out
00
10
11
00
0
0 ms
01
4K (4,096)
4 ms
10
8K (8,192)
64 ms
11
Reserved
Reserved
01
XX
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com