Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATtiny48
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATtiny48 Datasheet HTML 43Page - ATMEL Corporation ATtiny48 Datasheet HTML 44Page - ATMEL Corporation ATtiny48 Datasheet HTML 45Page - ATMEL Corporation ATtiny48 Datasheet HTML 46Page - ATMEL Corporation ATtiny48 Datasheet HTML 47Page - ATMEL Corporation ATtiny48 Datasheet HTML 48Page - ATMEL Corporation ATtiny48 Datasheet HTML 49Page - ATMEL Corporation ATtiny48 Datasheet HTML 50Page - ATMEL Corporation ATtiny48 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 266 page
background image
47
8008C–AVR–03/09
ATtiny48/88
9.
Interrupts
This section describes the specifics of interrupt handling in ATtiny48/88. For a general explana-
tion of the AVR interrupt handling, refer to “Reset and Interrupt Handling” on page 13.
9.1
Interrupt Vectors
The most typical and general program setup for the Reset and Interrupt Vector Addresses in
ATtiny48/88 is:
Address
Labels Code
Comments
0x000
rjmp
RESET
; Reset Handler
0x001
rjmp
INT0
; IRQ0 Handler
0x002
rjmp
INT1
; IRQ1 Handler
0x003
rjmp
PCINT0
; PCINT0 Handler
0x004
rjmp
PCINT1
; PCINT1 Handler
0x005
rjmp
PCINT2
; PCINT2 Handler
0x006
rjmp
PCINT3
; PCINT3 Handler
0x007
rjmp
WDT
; Watchdog Timer Handler
Table 9-1.
Reset and Interrupt Vectors in ATtiny48/88
Vector
No.
Program
Address
Source
Interrupt Definition
1
0x000
RESET
External/Power-on/Brown-out/Watchdog Reset
2
0x001
INT0
External Interrupt Request 0
3
0x002
INT1
External Interrupt Request 1
4
0x003
PCINT0
Pin Change Interrupt Request 0
5
0x004
PCINT1
Pin Change Interrupt Request 1
6
0x005
PCINT2
Pin Change Interrupt Request 2
7
0x006
PCINT3
Pin Change Interrupt Request 3
8
0x007
WDT
Watchdog Time-out Interrupt
9
0x008
TIMER1_CAPT
Timer/Counter1 Capture Event
10
0x009
TIMER1_COMPA
Timer/Counter1 Compare Match A
11
0x00A
TIMER1_COMPB
Timer/Counter1 Compare Match B
12
0x00B
TIMER1_OVF
Timer/Counter1 Overflow
13
0x00C
TIMER0_COMPA
Timer/Counter0 Compare Match A
14
0x00D
TIMER0_COMPB
Timer/Counter0 Compare Match B
15
0x00E
TIMER0_OVF
Timer/Counter0 Overflow
16
0x00F
SPI_STC
SPI Serial Transfer Complete
17
0x010
ADC
ADC Conversion Complete
18
0x011
EE_RDY
EEPROM Ready
19
0x012
ANA_COMP
Analog Comparator
20
0x013
TWI
2-wire Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com