Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A Datasheet(PDF) 100 Page - ATMEL Corporation

Part # ATtiny13A
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button ATtiny13A Datasheet HTML 96Page - ATMEL Corporation ATtiny13A Datasheet HTML 97Page - ATMEL Corporation ATtiny13A Datasheet HTML 98Page - ATMEL Corporation ATtiny13A Datasheet HTML 99Page - ATMEL Corporation ATtiny13A Datasheet HTML 100Page - ATMEL Corporation ATtiny13A Datasheet HTML 101Page - ATMEL Corporation ATtiny13A Datasheet HTML 102Page - ATMEL Corporation ATtiny13A Datasheet HTML 103Page - ATMEL Corporation ATtiny13A Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 174 page
background image
100
8126D–AVR–11/09
ATtiny13A
The LPM instruction uses the Z-pointer to store the address. Since this instruction addresses the
Flash byte-by-byte, also the LSB (bit Z0) of the Z-pointer is used.
16.5 EEPROM Write Prevents Writing to SPMCSR
Note that an EEPROM write operation will block all software programming to Flash. Reading the
fuses and lock bits from software will also be prevented during the EEPROM write operation. It is
recommended that the user checks the status bit (EEPE) in the EECR Register and verifies that
the bit is cleared before writing to the SPMCSR Register.
16.6 Reading Fuse and Lock Bits from Firmware
It is possible to read fuse and lock bits from software.
16.6.1
Reading Lock Bits from Firmware
Issuing an LPM instruction within three CPU cycles after RFLB and SELFPRGEN bits have
been set in SPMCSR will return lock bit values in the destination register. The RFLB and SELF-
PRGEN bits automatically clear upon completion of reading the lock bits, or if no LPM instruction
is executed within three CPU cycles, or if no SPM instruction is executed within four CPU cycles.
When RFLB and SELFPRGEN are cleared, LPM functions normally.
To read the lock bits, follow the below procedure.
1. Load the Z-pointer with 0x0001.
2. Set RFLB and SELFPRGEN bits in SPMCSR.
3. Issuing an LPM instruction within three clock cycles will return lock bits in the destina-
tion register.
If successful, the contents of the destination register are as follows.
See section “Program And Data Memory Lock Bits” on page 103 for more information on lock
bits.
16.6.2
Reading Fuse Bits from Firmware
The algorithm for reading fuse bytes is similar to the one described above for reading lock bits,
only the addresses are different.
To read the Fuse Low Byte (FLB), follow the below procedure:
1. Load the Z-pointer with 0x0000.
2. Set RFLB and SELFPRGEN bits in SPMCSR.
3. Issuing an LPM instruction within three clock cycles will FLB in the destination register.
If successful, the contents of the destination register are as follows.
Bit
7
654321
0
Rd
–
–––––
LB2
LB1
Bit
7
6
543
2
1
0
Rd
FLB7
FLB6
FLB5
FLB4
FLB3
FLB2
FLB1
FLB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com