Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATtiny13A
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATtiny13A Datasheet HTML 21Page - ATMEL Corporation ATtiny13A Datasheet HTML 22Page - ATMEL Corporation ATtiny13A Datasheet HTML 23Page - ATMEL Corporation ATtiny13A Datasheet HTML 24Page - ATMEL Corporation ATtiny13A Datasheet HTML 25Page - ATMEL Corporation ATtiny13A Datasheet HTML 26Page - ATMEL Corporation ATtiny13A Datasheet HTML 27Page - ATMEL Corporation ATtiny13A Datasheet HTML 28Page - ATMEL Corporation ATtiny13A Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 174 page
background image
25
8126D–AVR–11/09
ATtiny13A
When this clock source is selected, start-up times are determined by the SUT fuses as shown in
Table 6-3.
When applying an external clock, it is required to avoid sudden changes in the applied clock fre-
quency to ensure stable operation of the MCU. A variation in frequency of more than 2% from
one clock cycle to the next can lead to unpredictable behavior. It is required to ensure that the
MCU is kept in Reset during such changes in the clock frequency.
Note that the System Clock Prescaler can be used to implement run-time changes of the internal
clock frequency while still ensuring stable operation. Refer to “System Clock Prescaler” on page
26 for details.
6.2.2
Calibrated Internal 4.8/9.6 MHz Oscillator
The calibrated internal oscillator provides a 4.8 or 9.6 MHz clock source. The frequency is nomi-
nal at 3V and 25
⋅C. If the frequency exceeds the specification of the device (depends on V
CC),
the CKDIV8 fuse must be programmed so that the internal clock is divided by 8 during start-up.
See “System Clock Prescaler” on page 26. for more details.
The internal oscillator is selected as the system clock by programming the CKSEL fuses as
shown in Table 6-4. If selected, it will operate with no external components.
Note:
1. The device is shipped with this option selected.
During reset, hardware loads the calibration data into the OSCCAL register and thereby auto-
matically calibrates the oscillator. There are separate calibration bytes for 4.8 and 9.6 MHz
operation but only one is automatically loaded during reset (see section “Calibration Bytes” on
page 105). This is because the only difference between 4.8 MHz and 9.6 MHz mode is an inter-
nal clock divider.
By changing the OSCCAL register from SW, see “OSCCAL – Oscillator Calibration Register” on
page 27, it is possible to get a higher calibration accuracy than by using the factory calibration.
See “Calibrated Internal RC Oscillator Accuracy” on page 119.
When this oscillator is used as the chip clock, the Watchdog Oscillator will still be used for the
Watchdog Timer and for the Reset Time-out. For more information on the pre-programmed cali-
bration value, see the section “Calibration Bytes” on page 105.
Table 6-3.
Start-up Times for the External Clock Selection
SUT1..0
Start-up Time from
Power-down and Power-save
Additional Delay
from Reset
Recommended
Usage
00
6 CK
14CK
BOD enabled
01
6 CK
14CK + 4 ms
Fast rising power
10
6 CK
14CK + 64 ms
Slowly rising power
11
Reserved
Table 6-4.
Internal Calibrated RC Oscillator Operating Modes
CKSEL1..0
Nominal Frequency
10(1)
9.6 MHz
01
4.8 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com