Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A Datasheet(PDF) 159 Page - ATMEL Corporation

Part # ATtiny13A
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button ATtiny13A Datasheet HTML 155Page - ATMEL Corporation ATtiny13A Datasheet HTML 156Page - ATMEL Corporation ATtiny13A Datasheet HTML 157Page - ATMEL Corporation ATtiny13A Datasheet HTML 158Page - ATMEL Corporation ATtiny13A Datasheet HTML 159Page - ATMEL Corporation ATtiny13A Datasheet HTML 160Page - ATMEL Corporation ATtiny13A Datasheet HTML 161Page - ATMEL Corporation ATtiny13A Datasheet HTML 162Page - ATMEL Corporation ATtiny13A Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 174 page
background image
159
8126D–AVR–11/09
ATtiny13A
22. Ordering Information
Notes: 1. For device speed vs. VCC, see “Speed Grades” on page 118.
2. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
3. All packages are Pb-free, Halide-free, fully green and they comply with the European directive for Restriction of Hazardous
Substances (RoHS).
4. NiPdAu finish.
5. Topside marking for ATtiny13A:
– 1st Line: T13
– 2nd Line: Axx
– 3rd Line: xxx
Speed (MHz)(1)
Power Supply (V)(1)
Ordering Code
Package(2)(3)
Operation Range
20
1.8 - 5.5
ATtiny13A-PU
ATtiny13A-SU
ATtiny13A-SH(4)
ATtiny13A-SSU
ATtiny13A-SSH(4)
ATtiny13A-MU
ATtiny13A-MMU(5)
8P3
8S2
8S2
8S1
8S1
20M1
10M1(5)
Industrial
(-40
⋅C to 85⋅C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S2
8-lead, 0.209" Wide, Plastic Small Outline Package (EIAJ SOIC)
8S1
8-lead, 0.150" Wide, Plastic Gull-Wing Small Outline (JEDEC SOIC)
20M1
20-pad, 4 x 4 x 0.8 mm Body, Lead Pitch 0.50 mm, Micro Lead Frame Package (MLF)
10M1
10-pad, 3 x 3 x 1 mm Body, Lead Pitch 0.50 mm, Micro Lead Frame Package (MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com