Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A-SSH Datasheet(PDF) 117 Page - ATMEL Corporation

Part # ATtiny13A-SSH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SSH Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button ATtiny13A-SSH Datasheet HTML 113Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 114Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 115Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 116Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 117Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 118Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 119Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 120Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 174 page
background image
117
8126D–AVR–11/09
ATtiny13A
18. Electrical Characteristics
18.1 Absolute Maximum Ratings*
18.2 DC Characteristics
Operating Temperature....................................-55
⋅C to +125⋅C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
VCC and GND Pins................................ 200.0 mA
Table 18-1.
DC Characteristics, TA = -40⋅C to 85⋅C
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input Low Voltage,
Any Pin as I/O
VCC = 1.8V - 2.4V
-0.5
0.2VCC (1)
V
VCC = 2.4V - 5.5V
-0.5
0.3VCC
(1)
V
Input Low Voltage,
RESET Pin as Reset (2)
VCC = 1.8V - 5.5
-0.5
0.2VCC
(1)
V
VIH
Input High Voltage,
Any Pin as I/O
VCC = 1.8V - 2.4V
0.7VCC
(3)
VCC + 0.5
V
VCC = 2.4V - 5.5V
0.6VCC (3)
VCC + 0.5
V
Input High Voltage,
RESET Pin as Reset (2)
VCC = 1.8V - 5.5V
0.9VCC (3)
VCC + 0.5
V
VOL
Output Low Voltage,
Pins PB0 and PB1 (4)
IOL = 20 mA, VCC = 5V
0.8
V
IOL = 10 mA, VCC = 3V
0.6
V
Output Low Voltage,
Pins PB2, PB3 and PB4 (4)
IOL = 10 mA, VCC = 5V
0.8
V
IOL = 5 mA, VCC = 3V
0.6
V
VOH
Output High Voltage,
Pins PB0 and PB1 (5)
IOH = -20 mA, VCC = 5V
4.0
V
IOH = -10 mA, VCC = 3V
2.3
V
Output High Voltage,
Pins PB2, PB3 and PB4 (5)
IOH = -10 mA, VCC = 5V
4.2
V
IOH = -5 mA, VCC = 3V
2.5
V
ILIL
Input Leakage
Current I/O Pin
VCC = 5.5V, pin low
-1
1
µA
ILIH
Input Leakage
Current I/O Pin
VCC = 5.5V, pin high
-1
1
µA
RPU
Pull-Up Resistor, I/O Pin
VCC = 5.5V, input low
20
50
k
Ω
Pull-Up Resistor, Reset Pin
VCC = 5.5V, input low
30
80
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com