Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A-SSH Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATtiny13A-SSH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SSH Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATtiny13A-SSH Datasheet HTML 41Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 42Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 43Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 44Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 45Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 46Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 47Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 48Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 174 page
background image
45
8126D–AVR–11/09
ATtiny13A
9. Interrupts
This section describes the specifics of the interrupt handling as performed in ATtiny13A. For a
general explanation of the AVR interrupt handling, refer to “Reset and Interrupt Handling” on
page 12.
9.1
Interrupt Vectors
The interrupt vectors of ATtiny13A are described in Table 9-1 below.
If the program never enables an interrupt source, the Interrupt Vectors are not used, and regular
program code can be placed at these locations.
The most typical and general program setup for the Reset and Interrupt Vector Addresses in
ATtiny13A is:
Address
Labels Code
Comments
0x0000
rjmp
RESET
; Reset Handler
0x0001
rjmp
EXT_INT0
; IRQ0 Handler
0x0002
rjmp
PCINT0
; PCINT0 Handler
0x0003
rjmp
TIM0_OVF
; Timer0 Overflow Handler
0x0004
rjmp
EE_RDY
; EEPROM Ready Handler
0x0005
rjmp
ANA_COMP
; Analog Comparator Handler
0x0006
rjmp
TIM0_COMPA
; Timer0 CompareA Handler
0x0007
rjmp
TIM0_COMPB
; Timer0 CompareB Handler
0x0008
rjmp
WATCHDOG
; Watchdog Interrupt Handler
0x0009
rjmp
ADC
; ADC Conversion Handler
;
0x000A
RESET: ldi
r16, low(RAMEND); Main program start
0x000B
out
SPL,r16
; Set Stack Pointer to top of RAM
0x000C
sei
; Enable interrupts
0x000D
<instr>
xxx
...
...
...
...
Table 9-1.
Reset and Interrupt Vectors
Vector No.
Program Address
Source
Interrupt Definition
1
0x0000
RESET
External Pin, Power-on Reset,
Brown-out Reset, Watchdog Reset
2
0x0001
INT0
External Interrupt Request 0
3
0x0002
PCINT0
Pin Change Interrupt Request 0
4
0x0003
TIM0_OVF
Timer/Counter Overflow
5
0x0004
EE_RDY
EEPROM Ready
6
0x0005
ANA_COMP
Analog Comparator
7
0x0006
TIM0_COMPA
Timer/Counter Compare Match A
8
0x0007
TIM0_COMPB
Timer/Counter Compare Match B
9
0x0008
WDT
Watchdog Time-out
10
0x0009
ADC
ADC Conversion Complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com