Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A-SSH Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATtiny13A-SSH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SSH Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATtiny13A-SSH Datasheet HTML 52Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 53Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 54Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 55Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 56Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 57Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 58Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 59Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 174 page
background image
56
8126D–AVR–11/09
ATtiny13A
Table 10-4 and Table 10-5 relate the alternate functions of Port B to the overriding signals
shown in Figure 10-5 on page 54.
Note:
1. 1 when the fuse is “0” (Programmed).
Table 10-3.
Port B Pins Alternate Functions
Port Pin
Alternate Function
PB5
RESET: Reset Pin
dW:
debugWIRE I/O
ADC0: ADC Input Channel 0
PCINT5: Pin Change Interrupt, Source 5
PB4
ADC2: ADC Input Channel 2
PCINT4: Pin Change Interrupt 0, Source 4
PB3
CLKI:
External Clock Input
ADC3: ADC Input Channel 3
PCINT3: Pin Change Interrupt 0, Source 3
PB2
SCK:
Serial Clock Input
ADC1: ADC Input Channel 1
T0:
Timer/Counter0 Clock Source.
PCINT2: Pin Change Interrupt 0, Source 2
PB1
MISO:
SPI Master Data Input / Slave Data Output
AIN1:
Analog Comparator, Negative Input
OC0B: Timer/Counter0 Compare Match B Output
INT0:
External Interrupt 0 Input
PCINT1:Pin Change Interrupt 0, Source 1
PB0
MOSI:: SPI Master Data Output / Slave Data Input
AIN0:
Analog Comparator, Positive Input
OC0A: Timer/Counter0 Compare Match A output
PCINT0: Pin Change Interrupt 0, Source 0
Table 10-4.
Overriding Signals for Alternate Functions in PB5:PB3
Signal
PB5/RESET/ADC0/PCINT5
PB4/ADC2/PCINT4
PB3/ADC3/CLKI/PCINT3
PUOE
RSTDISBL(1) • DWEN(1)
00
PUOV
100
DDOE
RSTDISBL(1) • DWEN(1)
00
DDOV
debugWire Transmit
0
0
PVOE
0
0
0
PVOV
0
0
0
PTOE
000
DIEOE
RSTDISBL(1) + (PCINT5 •
PCIE + ADC0D)
PCINT4 • PCIE + ADC2D
PCINT3 • PCIE + ADC3D
DIEOV
ADC0D
ADC2D
ADC3D
DI
PCINT5 Input
PCINT4 Input
PCINT3 Input
AIO
RESET Input, ADC0 Input
ADC2 Input
ADC3 Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com