Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A-SSH Datasheet(PDF) 122 Page - ATMEL Corporation

Part # ATtiny13A-SSH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SSH Datasheet(HTML) 122 Page - ATMEL Corporation

Back Button ATtiny13A-SSH Datasheet HTML 118Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 119Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 120Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 121Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 122Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 123Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 124Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 125Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 126Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 174 page
background image
122
8126D–AVR–11/09
ATtiny13A
18.8 Serial Programming Characteristics
Figure 18-3. Serial Programming Timing
Figure 18-4. Serial Programming Waveform
Note:
1. 2 tCLCL for fck < 12 MHz, 3 tCLCL for fck >= 12 MHz
Table 18-9.
Serial Programming Characteristics, TA = -40⋅C to 85⋅C
Symbol
Parameter
Condition
Min
Typ
Max
Units
1/tCLCL
Oscillator Frequency
VCC = 1.8 – 5.5V
01
MHz
tCLCL
Oscillator Period
1000
ns
1/tCLCL
Oscillator Frequency
VCC = 2.7 – 5.5V
09.6
MHz
tCLCL
Oscillator Period
104
ns
1/tCLCL
Oscillator Frequency
VCC = 4.5 – 5.5V
020
MHz
tCLCL
Oscillator Period
50
ns
tSHSL
SCK Pulse Width High
VCC = 1.8 – 5.5V
2 tCLCL
(1)
ns
tSLSH
SCK Pulse Width Low
2 tCLCL
(1)
ns
tOVSH
MOSI Setup to SCK High
tCLCL
ns
tSHOX
MOSI Hold after SCK High
2 tCLCL
ns
MOSI
MISO
SCK
t
OVSH
t
SHSL
t
SLSH
t
SHOX
MSB
MSB
LSB
LSB
SERIAL CLOCK INPUT
(SCK)
SERIAL DATA INPUT
(MOSI)
(MISO)
SAMPLE
SERIAL DATA OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com