Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A-SSH Datasheet(PDF) 155 Page - ATMEL Corporation

Part # ATtiny13A-SSH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SSH Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button ATtiny13A-SSH Datasheet HTML 151Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 152Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 153Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 154Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 155Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 156Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 157Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 158Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 174 page
background image
155
8126D–AVR–11/09
ATtiny13A
20. Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
0x3F
SREG
I
T
H
S
V
N
Z
C
page 9
0x3E
Reserved
–
–
–
–
–
–
–
–
0x3D
SPL
SP[7:0]
page 11
0x3C
Reserved
–
–
–
–
–
–
–
–
0x3B
GIMSK
–
INT0
PCIE
–
–
–
–
–
page 47
0x3A
GIFR
–
INTF0
PCIF
–
–
–
–
–
page 48
0x39
TIMSK0
–
–
–
–
OCIE0B
OCIE0A
TOIE0
–
page 75
0x38
TIFR0
–
–
–
–
OCF0B
OCF0A
TOV0
–
page 76
0x37
SPMCSR
–
–
–
CTPB
RFLB
PGWRT
PGERS
SELFPR-
page 98
0x36
OCR0A
Timer/Counter – Output Compare Register A
page 75
0x35
MCUCR
–PUD
SE
SM1
SM0
–
ISC01
ISC00
pages 33, 47, 57
0x34
MCUSR
–
–
–
–
WDRF
BORF
EXTRF
PORF
page 42
0x33
TCCR0B
FOC0A
FOC0B
–
–
WGM02
CS02
CS01
CS00
page 73
0x32
TCNT0
Timer/Counter (8-bit)
page 74
0x31
OSCCAL
Oscillator Calibration Register
page 27
0x30
BODCR
–
–
–
–
–
–
BODS
BODSE
page 33
0x2F
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
–
–WGM01
WGM00
page 70
0x2E
DWDR
DWDR[7:0]
page 97
0x2D
Reserved
–
0x2C
Reserved
–
0x2B
Reserved
–
0x2A
Reserved
–
0x29
OCR0B
Timer/Counter – Output Compare Register B
page 75
0x28
GTCCR
TSM
–
–
–
–
–
–
PSR10
page 78
0x27
Reserved
–
0x26
CLKPR
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
page 28
0x25
PRR
–
–
–
–
–
–
PRTIM0
PRADC
page 34
0x24
Reserved
–
0x23
Reserved
–
0x22
Reserved
–
0x21
WDTCR
WDTIF
WDTIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
page 42
0x20
Reserved
–
0x1F
Reserved
–
0x1E
EEARL
–
–
EEPROM Address Register
page 20
0x1D
EEDR
EEPROM Data Register
page 20
0x1C
EECR
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
page 21
0x1B
Reserved
–
0x1A
Reserved
–
0x19
Reserved
–
0x18
PORTB
–
–
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
page 57
0x17
DDRB
–
–
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
page 57
0x16
PINB
–
–
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
page 58
0x15
PCMSK
–
–
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
page 48
0x14
DIDR0
–
–
ADC0D
ADC2D
ADC3D
ADC1D
AIN1D
AIN0D
pages 81, 95
0x13
Reserved
–
0x12
Reserved
–
0x11
Reserved
–
0x10
Reserved
–
0x0F
Reserved
–
0x0E
Reserved
–
0x0D
Reserved
–
0x0C
Reserved
–
0x0B
Reserved
–
0x0A
Reserved
–
0x09
Reserved
–
0x08
ACSR
ACD
ACBG
ACO
ACI
ACIE
–
ACIS1
ACIS0
page 80
0x07
ADMUX
–
REFS0
ADLAR
–
–
–
MUX1
MUX0
page 92
0x06
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
page 93
0x05
ADCH
ADC Data Register High Byte
page 94
0x04
ADCL
ADC Data Register Low Byte
page 94
0x03
ADCSRB
–ACME
–
–
–
ADTS2
ADTS1
ADTS0
pages 80, 95
0x02
Reserved
–
0x01
Reserved
–
0x00
Reserved
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com