Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A-SSH Datasheet(PDF) 166 Page - ATMEL Corporation

Part # ATtiny13A-SSH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SSH Datasheet(HTML) 166 Page - ATMEL Corporation

Back Button ATtiny13A-SSH Datasheet HTML 162Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 163Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 164Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 165Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 166Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 167Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 168Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 169Page - ATMEL Corporation ATtiny13A-SSH Datasheet HTML 170Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 174 page
background image
166
8126D–AVR–11/09
ATtiny13A
25. Datasheet Revision History
Please note that page numbers in this section refer to the current version of this document and
may not apply to previous versions.
25.1 Rev. 8126D – 11/09
1. Added note “If the RSTDISPL fuse is programmed..” in Startup-up Times Table 6-5 and
Table 6-6 on page 26.
2. Added addresses in all Register Description tables and cross-references to Register
Summary.
3. Updated naming convention for -COM bits in tables from Table 11-2 on page 70 to
Table 11-7 on page 72.
4. Updated value for tWD_ERASE in Table 17-8, “Minimum Wait Delay Before Writing the Next
Flash or EEPROM Location,” on page 108.
5. Added NiPdAU note for -SH and -SSH in Section 22. “Ordering Information” on page
159.
25.2 Rev. 8126C – 09/09
1. Added EEPROM errata for rev. G - H on page 165.
2. Added a note about topside marking in Section 22. “Ordering Information” on page 159.
25.3 Rev. 8126B – 11/08
1. Updated order codes on page 159 to reflect changes in material composition.
2. Updated sections:
– “DIDR0 – Digital Input Disable Register 0” on page 81
– “DIDR0 – Digital Input Disable Register 0” on page 95
3. Updated “Register Summary” on page 155.
25.4 Rev. 8126A – 05/08
1. Initial revision, created from document 2535I – 04/08.
2. Updated characteristic plots of section “Typical Characteristics” , starting on page 124.
3. Updated “Ordering Information” on page 159.
4. Updated section:
– “Speed Grades” on page 118
5. Update tables:
– “DC Characteristics, TA = -40×C to 85×C” on page 117
– “Calibration Accuracy of Internal RC Oscillator” on page 119
– “Reset, Brown-out, and Internal Voltage Characteristics” on page 120
– “ADC Characteristics, Single Ended Channels. TA = -40×C - 85×C” on page 121
– “Serial Programming Characteristics, TA = -40×C to 85×C” on page 122
6. Added description of new function, “Power Reduction Register”:
– Added functional description on page 31
– Added bit description on page 34
– Added section “Supply Current of I/O Modules” on page 124
– Updated Register Summary on page 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com