Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny9 Datasheet(PDF) 97 Page - ATMEL Corporation

Part # ATtiny9
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny9 Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button ATtiny9 Datasheet HTML 93Page - ATMEL Corporation ATtiny9 Datasheet HTML 94Page - ATMEL Corporation ATtiny9 Datasheet HTML 95Page - ATMEL Corporation ATtiny9 Datasheet HTML 96Page - ATMEL Corporation ATtiny9 Datasheet HTML 97Page - ATMEL Corporation ATtiny9 Datasheet HTML 98Page - ATMEL Corporation ATtiny9 Datasheet HTML 99Page - ATMEL Corporation ATtiny9 Datasheet HTML 100Page - ATMEL Corporation ATtiny9 Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 168 page
background image
97
8127C–AVR–10/09
ATtiny4/5/9/10
The TPI is accessed via three pins, as follows:
RESET:
Tiny Programming Interface enable input
TPICLK:
Tiny Programming Interface clock input
TPIDATA:
Tiny Programming Interface data input/output
In addition, the VCC and GND pins must be connected between the external programmer and the
device. See Figure 14-2.
Figure 14-2. Using an External Programmer for In-System Programming via TPI
NVM can be programmed at 5V, only. In some designs it may be necessary to protect compo-
nents that can not tolerate 5V with, for example, series resistors.
14.3.1
Enabling
The following sequence enables the Tiny Programming Interface (see Figure 14-3 for guidance):
• Apply 5V between VCC and GND
• Depending on the method of reset to be used:
– Either: wait tTOUT (see Table 16-4 on page 119) and then set the RESET pin low.
This will reset the device and enable the TPI physical layer. The RESET pin must
then be kept low for the entire programming session
– Or: if the RSTDISBL configuration bit has been programmed, apply 12V to the
RESET pin. The RESET pin must be kept at 12V for the entire programming session
•Wait tRST (see Table 16-4 on page 119)
• Keep the TPIDATA pin high for 16 TPICLK cycles
Figure 14-3. Sequence for enabling the Tiny Programming Interface
ATtiny4/5/9/10
TPIDATA/PB0
GND
TPICLK/PB1
PB3/RESET
VCC
PB2
TPI
CONN
APPLICATION
+5V
RESET
t
RST
TPIDATA
TPICLK
16 x TPICLK CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com