Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny9 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATtiny9
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny9 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATtiny9 Datasheet HTML 1Page - ATMEL Corporation ATtiny9 Datasheet HTML 2Page - ATMEL Corporation ATtiny9 Datasheet HTML 3Page - ATMEL Corporation ATtiny9 Datasheet HTML 4Page - ATMEL Corporation ATtiny9 Datasheet HTML 5Page - ATMEL Corporation ATtiny9 Datasheet HTML 6Page - ATMEL Corporation ATtiny9 Datasheet HTML 7Page - ATMEL Corporation ATtiny9 Datasheet HTML 8Page - ATMEL Corporation ATtiny9 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 168 page
background image
2
8127C–AVR–10/09
ATtiny4/5/9/10
1. Pin Configurations
Figure 1-1.
Pinout of ATtiny4/5/9/10
1.1
Pin Description
1.1.1
VCC
Supply voltage.
1.1.2
GND
Ground.
1.1.3
Port B (PB3..PB0)
This is a 4-bit, bi-directional I/O port with internal pull-up resistors, individually selectable for
each bit. The output buffers have symmetrical drive characteristics, with both high sink and
source capability. As inputs, the port pins that are externally pulled low will source current if pull-
up resistors are activated. Port pins are tri-stated when a reset condition becomes active, even if
the clock is not running.
The port also serves the functions of various special features of the ATtiny4/5/9/10, as listed on
page 36.
1.1.4
RESET
Reset input. A low level on this pin for longer than the minimum pulse length will generate a
reset, even if the clock is not running and provided the reset pin has not been disabled. The min-
imum pulse length is given in Table 16-4 on page 119. Shorter pulses are not guaranteed to
generate a reset.
The reset pin can also be used as a (weak) I/O pin.
1
2
3
6
5
4
(PCINT0/TPIDATA/OC0A/ADC0/AIN0) PB0
GND
(PCINT1/TPICLK/CLKI/ICP0/OC0B/ADC1/AIN1) PB1
PB3 (RESET/PCINT3/ADC3)
VCC
PB2 (T0/CLKO/PCINT2/INT0/ADC2)
SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com