Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny9 Datasheet(PDF) 115 Page - ATMEL Corporation

Part # ATtiny9
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny9 Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button ATtiny9 Datasheet HTML 111Page - ATMEL Corporation ATtiny9 Datasheet HTML 112Page - ATMEL Corporation ATtiny9 Datasheet HTML 113Page - ATMEL Corporation ATtiny9 Datasheet HTML 114Page - ATMEL Corporation ATtiny9 Datasheet HTML 115Page - ATMEL Corporation ATtiny9 Datasheet HTML 116Page - ATMEL Corporation ATtiny9 Datasheet HTML 117Page - ATMEL Corporation ATtiny9 Datasheet HTML 118Page - ATMEL Corporation ATtiny9 Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 168 page
background image
115
8127C–AVR–10/09
ATtiny4/5/9/10
15.7 Register Description
15.7.1
NVMCSR - Non-Volatile Memory Control and Status Register
• Bit 7 - NVMBSY: Non-Volatile Memory Busy
This bit indicates the NVM memory (Flash memory and Lock Bits) is busy, being programmed.
This bit is set when a program operation is started, and it remains set until the operation has
been completed.
• Bit 6:0 - Res: Reserved Bits
These bits are reserved and will always be read as zero.
15.7.2
NVMCMD - Non-Volatile Memory Command Register
• Bit 7:6 - Res: Reserved Bits
These bits are reserved and will always read zero.
• Bit 5:0 - NVMCMD[5:0]: Non-Volatile Memory Command
These bits define the programming commands for the flash, as shown in Table 15-10.
Bit
7
6543210
0x32
NVMBSY
–
–
–
–
–
–
–NVMCSR
Read/Write
R/W
RRRRRR
R
Initial Value
0
0000000
Bit
76543210
0x33
–
–
NVMCMD[5:0]
NVMCMD
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Table 15-10. NVM Programming commands
Operation Type
NVMCMD
Mnemonic
Description
Binary
Hex
General
0b000000
0x00
NO_OPERATION
No operation
0b010000
0x10
CHIP_ERASE
Chip erase
Section
0b010100
0x14
SECTION_ERASE
Section erase
Word
0b011101
0x1D
WORD_WRITE
Word write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com