Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny9 Datasheet(PDF) 120 Page - ATMEL Corporation

Part # ATtiny9
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny9 Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button ATtiny9 Datasheet HTML 116Page - ATMEL Corporation ATtiny9 Datasheet HTML 117Page - ATMEL Corporation ATtiny9 Datasheet HTML 118Page - ATMEL Corporation ATtiny9 Datasheet HTML 119Page - ATMEL Corporation ATtiny9 Datasheet HTML 120Page - ATMEL Corporation ATtiny9 Datasheet HTML 121Page - ATMEL Corporation ATtiny9 Datasheet HTML 122Page - ATMEL Corporation ATtiny9 Datasheet HTML 123Page - ATMEL Corporation ATtiny9 Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 168 page
background image
120
8127C–AVR–10/09
ATtiny4/5/9/10
16.6 Analog Comparator Characteristics
Note:
All parameters are based on simulation results. None are tested in production
16.7 ADC Characteristics (ATtiny5/10, only)
Table 16-7.
Analog Comparator Characteristics, TA = -40°C - 85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
VAIO
Input Offset Voltage
VCC = 5V, VIN = VCC / 2
< 10
40
mV
ILAC
Input Leakage Current
VCC = 5V, VIN = VCC / 2
-50
50
nA
tAPD
Analog Propagation Delay
(from saturation to slight overdrive)
VCC = 2.7V
750
ns
VCC = 4.0V
500
Analog Propagation Delay
(large step change)
VCC = 2.7V
100
VCC = 4.0V
75
tDPD
Digital Propagation Delay
VCC = 1.8V - 5.5
1
2
CLK
Table 16-8.
ADC Characteristics. T = -40
°C – 85°C. V
CC = 2.5V – 5.5V
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
8Bits
Absolute accuracy
(Including INL, DNL, and
Quantization, Gain and Offset
Errors)
VREF = VCC = 4V,
ADC clock = 200 kHz
1.0
LSB
VREF = VCC = 4V,
ADC clock = 200 kHz
Noise Reduction Mode
1.0
LSB
Integral Non-Linearity (INL)
(Accuracy after Offset and
Gain Calibration)
VREF = VCC = 4V,
ADC clock = 200 kHz
1.0
LSB
Differential Non-linearity
(DNL)
VREF = VCC = 4V,
ADC clock = 200 kHz
0.5
LSB
Gain Error
VREF = VCC = 4V,
ADC clock = 200 kHz
1.0
LSB
Offset Error
VREF = VCC = 4V,
ADC clock = 200 kHz
1.0
LSB
Conversion Time
Free Running Conversion
65
260
µs
Clock Frequency
50
200
kHz
VIN
Input Voltage
GND
VREF
V
Input Bandwidth
7.7
kHz
RAIN
Analog Input Resistance
100
M
Ω
ADC Conversion Output
0
255
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com