Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny9 Datasheet(PDF) 143 Page - ATMEL Corporation

Part # ATtiny9
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny9 Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button ATtiny9 Datasheet HTML 139Page - ATMEL Corporation ATtiny9 Datasheet HTML 140Page - ATMEL Corporation ATtiny9 Datasheet HTML 141Page - ATMEL Corporation ATtiny9 Datasheet HTML 142Page - ATMEL Corporation ATtiny9 Datasheet HTML 143Page - ATMEL Corporation ATtiny9 Datasheet HTML 144Page - ATMEL Corporation ATtiny9 Datasheet HTML 145Page - ATMEL Corporation ATtiny9 Datasheet HTML 146Page - ATMEL Corporation ATtiny9 Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 168 page
background image
143
8127C–AVR–10/09
ATtiny4/5/9/10
Figure 17-41. Calibrated Oscillator Frequency vs, OSCCAL Value
17.2.9
VLM Thresholds
Figure 17-42. VLM1L Threshold of VCC Level Monitor
CALIBRATED 8.0MHz RC OSCILLATOR FREQUENCY vs. OSCCAL VALUE
VCC = 3V
85 °C
25 °C
-40 °C
0
2
4
6
8
10
12
14
16
0
16
32
48
64
80
96
112 128 144 160 176 192 208 224 240
OSCCAL (X1)
VLM THRESHOLD vs. TEMPERATURE
VLM2:0 = 001
1.34
1.35
1.36
1.37
1.38
1.39
1.4
1.41
1.42
-40
-20
0
20
40
60
80
100
Temperature (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com