Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny9 Datasheet(PDF) 159 Page - ATMEL Corporation

Part # ATtiny9
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny9 Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button ATtiny9 Datasheet HTML 155Page - ATMEL Corporation ATtiny9 Datasheet HTML 156Page - ATMEL Corporation ATtiny9 Datasheet HTML 157Page - ATMEL Corporation ATtiny9 Datasheet HTML 158Page - ATMEL Corporation ATtiny9 Datasheet HTML 159Page - ATMEL Corporation ATtiny9 Datasheet HTML 160Page - ATMEL Corporation ATtiny9 Datasheet HTML 161Page - ATMEL Corporation ATtiny9 Datasheet HTML 162Page - ATMEL Corporation ATtiny9 Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 168 page
background image
159
8127C–AVR–10/09
ATtiny4/5/9/10
22.3 ATtiny9
22.3.1
Rev. D
• ESD HBM (ESD STM 5.1) level ±1000V
• Lock bits re-programming
1. ESD HBM (ESD STM 5.1) level ±1000V
The device meets ESD HBM (ESD STM 5.1) level ±1000V.
Problem Fix / Workaround
Always use proper ESD protection measures (Class 1C) when handling integrated circuits
before and during assembly.
2. Lock bits re-programming
Attempt to re-program Lock bits to present, or lower protection level (tampering attempt),
causes erroneously one, random line of Flash program memory to get erased. The Lock bits
will not get changed, as they should not.
Problem Fix / Workaround
Do not attempt to re-program Lock bits to present, or lower protection level.
22.3.2
Rev. A – C
Not sampled.
22.4 ATtiny10
22.4.1
Rev. C – D
• ESD HBM (ESD STM 5.1) level ±1000V
• Lock bits re-programming
1. ESD HBM (ESD STM 5.1) level ±1000V
The device meets ESD HBM (ESD STM 5.1) level ±1000V.
Problem Fix / Workaround
Always use proper ESD protection measures (Class 1C) when handling integrated circuits
before and during assembly.
2. Lock bits re-programming
Attempt to re-program Lock bits to present, or lower protection level (tampering attempt),
causes erroneously one, random line of Flash program memory to get erased. The Lock bits
will not get changed, as they should not.
Problem Fix / Workaround
Do not attempt to re-program Lock bits to present, or lower protection level.
22.4.2
Rev. A – B
Not sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com