Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny9 Datasheet(PDF) 164 Page - ATMEL Corporation

Part # ATtiny9
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny9 Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button ATtiny9 Datasheet HTML 160Page - ATMEL Corporation ATtiny9 Datasheet HTML 161Page - ATMEL Corporation ATtiny9 Datasheet HTML 162Page - ATMEL Corporation ATtiny9 Datasheet HTML 163Page - ATMEL Corporation ATtiny9 Datasheet HTML 164Page - ATMEL Corporation ATtiny9 Datasheet HTML 165Page - ATMEL Corporation ATtiny9 Datasheet HTML 166Page - ATMEL Corporation ATtiny9 Datasheet HTML 167Page - ATMEL Corporation ATtiny9 Datasheet HTML 168Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 164 / 168 page
background image
ii
8127C–AVR–10/09
ATtiny4/5/9/10
7.3
Minimizing Power Consumption ......................................................................24
7.4
Register Description ........................................................................................25
8
System Control and Reset .................................................................... 27
8.1
Resetting the AVR ...........................................................................................27
8.2
Reset Sources .................................................................................................27
8.3
Watchdog Timer ..............................................................................................30
8.4
Register Description ........................................................................................32
9
Interrupts ................................................................................................ 35
9.1
Interrupt Vectors ..............................................................................................35
9.2
External Interrupts ...........................................................................................36
9.3
Register Description ........................................................................................37
10 I/O Ports .................................................................................................. 40
10.1
Overview ..........................................................................................................40
10.2
Ports as General Digital I/O .............................................................................41
10.3
Alternate Port Functions ..................................................................................45
10.4
Register Description ........................................................................................50
11 16-bit Timer/Counter0 ............................................................................ 52
11.1
Features ..........................................................................................................52
11.2
Overview ..........................................................................................................52
11.3
Clock Sources .................................................................................................54
11.4
Counter Unit ....................................................................................................55
11.5
Input Capture Unit ...........................................................................................57
11.6
Output Compare Units .....................................................................................59
11.7
Compare Match Output Unit ............................................................................61
11.8
Modes of Operation .........................................................................................62
11.9
Timer/Counter Timing Diagrams .....................................................................69
11.10 Accessing 16-bit Registers ..............................................................................71
11.11 Register Description ........................................................................................73
12 Analog Comparator ............................................................................... 81
12.1
Register Description ........................................................................................81
13 Analog to Digital Converter .................................................................. 83
13.1
Features ..........................................................................................................83
13.2
Overview ..........................................................................................................83
13.3
Operation .........................................................................................................83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com