Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega164PA-CU Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATmega164PA-CU
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164PA-CU Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATmega164PA-CU Datasheet HTML 17Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 18Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 19Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 20Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 21Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 22Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 23Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 24Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 468 page
background image
21
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
The 32 general purpose working registers, 64 I/O registers, 160 Extended I/O Registers and the
1024/2048/4096 bytes of internal data SRAM in the ATmega164PA/324PA/644PA/1284P are all
accessible through all these addressing modes. The Register File is described in ”General Pur-
pose Register File” on page 13.
Figure 7-2.
Data Memory Map for ATmega164PA/324PA/644PA/1284P
7.3.1
Data Memory Access Times
This section describes the general access timing concepts for internal memory access. The
internal data SRAM access is performed in two clk
CPU cycles as described in Figure 7-3.
Figure 7-3.
On-chip Data SRAM Access Cycles
32 Registers
64 I/O Registers
Internal SRAM
(1024/2048/4096/16384x 8)
0x0000 - 0x001F
0x0020 - 0x005F
0x04FF/0x08FF/0x10FF/0x40FF
0x0060 - 0x00FF
Data Memory
160 Ext I/O Reg.
0x0100
clk
WR
RD
Data
Data
Address
Address valid
T1
T2
T3
Compute Address
CPU
Memory Access Instruction
Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com