Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega164PA-CU Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATmega164PA-CU
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164PA-CU Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATmega164PA-CU Datasheet HTML 35Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 36Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 37Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 38Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 39Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 40Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 41Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 42Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 468 page
background image
39
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
When applying an external clock, it is required to avoid sudden changes in the applied clock fre-
quency to ensure stable operation of the MCU. A variation in frequency of more than 2% from
one clock cycle to the next can lead to unpredictable behavior. If changes of more than 2% is
required, ensure that the MCU is kept in Reset during the changes.
Note that the System Clock Prescaler can be used to implement run-time changes of the internal
clock frequency while still ensuring stable operation. Refer to ”System Clock Prescaler” on page
39 for details.
8.9
Timer/Counter Oscillator
ATmega164PA/324PA/644PA/1284P uses the same type of crystal oscillator for Low-frequency
Crystal Oscillator and Timer/Counter Oscillator. See ”Low Frequency Crystal Oscillator” on page
35 for details on the oscillator and crystal requirements.
The device can operate its Timer/Counter2 from an external 32.768 kHz watch crystal or a exter-
nal clock source. See ”Clock Source Connections” on page 32 for details.
Applying an external clock source to TOSC1 can be done if EXTCLK in the ASSR Register is
written to logic one. See ”The Output Compare Register B contains an 8-bit value that is contin-
uously compared with the counter value (TCNT2). A match can be used to generate an Output
Compare interrupt, or to generate a waveform output on the OC2B pin.” on page 159 for further
description on selecting external clock as input instead of a 32.768 kHz watch crystal.
8.10
Clock Output Buffer
The device can output the system clock on the CLKO pin. To enable the output, the CKOUT
Fuse has to be programmed. This mode is suitable when the chip clock is used to drive other cir-
cuits on the system. The clock also will be output during reset, and the normal operation of I/O
pin will be overridden when the fuse is programmed. Any clock source, including the internal RC
Oscillator, can be selected when the clock is output on CLKO. If the System Clock Prescaler is
used, it is the divided system clock that is output.
8.11
System Clock Prescaler
The ATmega164PA/324PA/644PA/1284P has a system clock prescaler, and the system clock
can be divided by setting the ”CLKPR – Clock Prescale Register” on page 41. This feature can
be used to decrease the system clock frequency and the power consumption when the require-
ment for processing power is low. This can be used with all clock source options, and it will affect
the clock frequency of the CPU and all synchronous peripherals. clk
I/O, clkADC, clkCPU, and clk-
FLASH are divided by a factor as shown in Table 8-16 on page 42.
When switching between prescaler settings, the System Clock Prescaler ensures that no
glitches occurs in the clock system. It also ensures that no intermediate frequency is higher than
Table 8-15.
Start-up Times for the External Clock Selection
Power Conditions
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset (V
CC = 5.0V)
SUT1..0
BOD enabled
6 CK
14CK
00
Fast rising power
6 CK
14CK + 4.1 ms
01
Slowly rising power
6 CK
14CK + 65 ms
10
Reserved
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com