Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2KGCT Datasheet(PDF) 2 Page - HB Electronic Components

Part # PLCC2KGCT
Description  SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2KGCT Datasheet(HTML) 2 Page - HB Electronic Components

  PLCC2KGCT Datasheet HTML 1Page - HB Electronic Components PLCC2KGCT Datasheet HTML 2Page - HB Electronic Components PLCC2KGCT Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./
:PLCC2KGCT
www.ledz.com
2/3
SMD SPECIFICATION
4
Absolute maximum ratings/
Ta = 25
Value
-.
Parameter
-.
Symbol
/0
Test
Condition
1234
Min.
Max.
Unit
56
Power Dissipation
789:
Pd
;;
;;
90
mW
Reverse Voltage
< =
>
VR
IR = 30
?A
5
;;
V
Pulse Current
@=ABC
IFp
Duty=0.1
1kHz
;;
100
mA
Forward Current
@=DEC
IFm
;;
;;
25
mA
Operating Temperature
DEFGHI
Topr
;;
-40
+85
J
Storage
Temperature
KLFGHI
Tstr
;;
-40
+85
J
5
Electrical and optical characteristics/
Ta = 25
Value
-.
Parameter
-.
Symbol
/0
Test
Condition
1234
Min.
Typ.
Max.
Unit
56
Forward Voltage
@=>
VF
IF =20mA
;;
1.8
3.2
V
Reverse Current
<=C
IR
VR=5V
;;
;;
30
?A
Dominate Wavelength
MNO
Pd
IF=20mA
570
nm
Peak Wavelength
ABNO
Pp
IF=20mA
;;
;;
;;
nm
Spectral Line half-width
QNRG
SP
IF=20mA
;;
;;
;;
nm
Luminous Intensity
TG
IV
IF=20mA
---
60
;
mcd
Viewing Angle
U=V
2
W1/2
IF=20mA
;;
120
;;
Deg.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com